Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 23 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 19Page - Microchip Technology USB2524 Datasheet HTML 20Page - Microchip Technology USB2524 Datasheet HTML 21Page - Microchip Technology USB2524 Datasheet HTML 22Page - Microchip Technology USB2524 Datasheet HTML 23Page - Microchip Technology USB2524 Datasheet HTML 24Page - Microchip Technology USB2524 Datasheet HTML 25Page - Microchip Technology USB2524 Datasheet HTML 26Page - Microchip Technology USB2524 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001588B-page 23
USB2524
7.1.4.12
Register 0Bh: Port Disable For Bus Powered Operation (Reset = 0x00)
7.1.4.13
Register 0Ch: Max Power For Self Powered Operation (Reset = 0x00)
7.1.4.14
Register 0Dh: Max Power For Bus Powered Operation (Reset = 0x00)
7.1.4.15
Register 0Eh: Hub Controller Max Current For Self Powered Operation (Reset = 0x00)
Bit Number
Bit Name
Description
7:0
PORT_DIS_BP
Port Disable Bus-Powered: Disables 1 or more contiguous ports. ‘0’ = port is
available, ‘1’ = port is disabled.
During Bus-Powered operation, this selects the ports which will be
permanently disabled, and are not available to be enabled or enumerated by
a Host Controller. The disabled ports must be contiguous, and must be in
decreasing order starting with port 4.
When using the internal default option, the PRT_DIS[1:0] pins will disable the
appropriate ports.
Bit 7= Reserved, always = ‘0’.
Bit 6= Reserved, always = ‘0’.
Bit 5= Reserved, always = ‘0’.
Bit 4= 1; Port 4 is disabled.
Bit 3= 1; Port 3 is disabled.
Bit 2= 1; Port 2 is disabled.
Bit 1= 1; Port 1 is disabled.
Bit 0 is Reserved, always = ‘0’
Bit Number
Bit Name
Description
7:0
MAX_PWR_SP
Max Power Self_Powered: Value in 2mA increments that the Hub consumes
from an upstream port (VBUS) when operating as a self-powered hub. This
value includes the hub silicon along with the combined power consumption
(from VBUS) of all associated circuitry on the board. This value also includes
the power consumption of a permanently attached peripheral if the hub is
configured as a compound device, and the embedded peripheral reports 0mA
in its descriptors.
Note:
The USB 2.0 Specification does not permit this value to exceed
100mA
Bit Number
Bit Name
Description
7:0
MAX_PWR_BP
Max Power Bus_Powered: Value in 2mA increments that the Hub consumes
from an upstream port (VBUS) when operating as a bus-powered hub. This
value includes the hub silicon along with the combined power consumption
(from VBUS) of all associated circuitry on the board. This value also includes
the power consumption of a permanently attached peripheral if the hub is
configured as a compound device, and the embedded peripheral reports 0mA
in its descriptors.
Bit Number
Bit Name
Description
7:0
HC_MAX_C_SP
Hub Controller Max Current Self-Powered: Value in 2mA increments that the
Hub consumes from an upstream port (VBUS) when operating as a self-
powered hub. This value includes the hub silicon along with the combined
power consumption (from VBUS) of all associated circuitry on the board. This
value does NOT include the power consumption of a permanently attached
peripheral if the hub is configured as a compound device.
Note:
The USB 2.0 Specification does not permit this value to exceed
100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com