Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 44 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 40Page - Microchip Technology USB2524 Datasheet HTML 41Page - Microchip Technology USB2524 Datasheet HTML 42Page - Microchip Technology USB2524 Datasheet HTML 43Page - Microchip Technology USB2524 Datasheet HTML 44Page - Microchip Technology USB2524 Datasheet HTML 45Page - Microchip Technology USB2524 Datasheet HTML 46Page - Microchip Technology USB2524 Datasheet HTML 47Page - Microchip Technology USB2524 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
USB2524
DS00001588B-page 44
2013 - 2016 Microchip Technology Inc.
Note 9-1
When in Bus-Powered mode, the Hub and its associated circuitry must not consume more than
100mA from the upstream USB power source during t1+t5.
9.1.1.2
RESET_N for EEPROM Configuration
TABLE 9-1:
RESET_N TIMING FOR DEFAULT/STRAP OPTION MODE
Name
Description
MIN
TYP
MAX
Units
t1
RESET_N Asserted.
1
sec
t2
Strap Setup Time
16.7
nsec
t3
Strap Hold Time.
16.7
1400
nsec
t4
hub outputs driven to inactive logic states
1.5
2.0
sec
t5
USB Attach (See Note 9-1)
100
msec
t6
Host acknowledges attach and signals USB
Reset.
100
msec
t7
USB Idle.
undefined
msec
t8
Completion time for requests (with or without data
stage).
5
msec
FIGURE 9-2:
RESET_N TIMING FOR EEPROM MODE
TABLE 9-2:
RESET_N TIMING FOR EEPROM MODE
Name
Description
MIN
TYP
MAX
Units
t1
RESET_N Asserted.
1
sec
t2
Hub Recovery/Stabilization.
500
sec
t3
EEPROM Read / Hub Config.
2.0
99.5
msec
t4
USB Attach (See Note 9-2)
100
msec
t1
t2
t4
t5
t6
t7
RESET_N
VSS
Hardware
reset
asserted
Read Strap
Options
Read EEPROM
+
Set Options
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com