Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 10Page - Microchip Technology USB2524 Datasheet HTML 11Page - Microchip Technology USB2524 Datasheet HTML 12Page - Microchip Technology USB2524 Datasheet HTML 13Page - Microchip Technology USB2524 Datasheet HTML 14Page - Microchip Technology USB2524 Datasheet HTML 15Page - Microchip Technology USB2524 Datasheet HTML 16Page - Microchip Technology USB2524 Datasheet HTML 17Page - Microchip Technology USB2524 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
USB2524
DS00001588B-page 14
 2013 - 2016 Microchip Technology Inc.
6.0
ASSIGNING PORTS
There are two different (OEM selectable) methods of assigning downstream ports to upstream hosts. One method is
with the PRT_ASSIGN[3:0] interface through the use of mechanical switches or by electrical control of the pins via an
external Microcontroller’s GPIO interface. The second method is through the SMBus interface, where the SMBus inter-
face is used to control the switching hub during operation and can switch downstream ports via SMBus commands.
6.1
Port Assign Interface (PRT_ASSIGN[3:0] Pins)
Assigning ports to either of the upstream host controllers can be accomplished through the 4-wire PRT_ASSIGN inter-
face. The PRT_ASSIGN interface has three operating modes. One is called the Embedded Mode, and the other is
Peripheral Mode (with two different electrical “sub” modes; (level triggered or edge triggered).
6.1.1
EMBEDDED MODE:
The four-pin interface (PRT_ASSIGN[3:0]) operates with only three of the four available pins (PRT_ASSIGN3 is dis-
abled in this mode), which enables a user to select one of 8 pre-determined port assignment configurations. There are
8 “default” configurations, or an OEM can customize the configurations through an EEPROM or SMBus code load.
The configuration is determined by Table 6-1, "USB2524 Port Assign Interface (Embedded Mode)".
Note 6-1
H1 = The USB host or hub that is connected to upstream port #1
Note 6-2
H2 = The USB host or hub that is connected to upstream port #2
Note 6-3
UA = Un-Assigned
Note 6-4
X = Don’t Care
Note:
Any change in PRT_ASSIGN pins will be ignored until the USB2524 is out of reset.
Note:
There is a switching delay determined by the Register D0h: Port Interface Delay Timer.
TABLE 6-1:
USB2524 PORT ASSIGN INTERFACE (EMBEDDED MODE)
Port Assign Interface Encoding
Internal Default Configuration
Host Ownership of
Downstream Ports
PRT_ASSIGN
3
PRT_ASSIGN
2
PRT_ASSIGN
1
PRT_ASSIGN
0
CONFIG
#
PORT
1
PORT
2
PORT
3
PORT
4
X
0
0
0
0
H1H1
H1H1
X
0
0
1
1
H2H2
H2H2
X
0
1
0
2
H1H1
H2H2
X
0
1
1
3
H1H1
H1H2
X
1
0
0
4
H2H2
H2H1
X
1
0
1
5
H2H1
H1H1
X1
1
0
6
H1
H1
H2
UA
X1
1
1
7
H1
H1
H1
UA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com