Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 22Page - Microchip Technology USB2524 Datasheet HTML 23Page - Microchip Technology USB2524 Datasheet HTML 24Page - Microchip Technology USB2524 Datasheet HTML 25Page - Microchip Technology USB2524 Datasheet HTML 26Page - Microchip Technology USB2524 Datasheet HTML 27Page - Microchip Technology USB2524 Datasheet HTML 28Page - Microchip Technology USB2524 Datasheet HTML 29Page - Microchip Technology USB2524 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
USB2524
DS00001588B-page 26
 2013 - 2016 Microchip Technology Inc.
7.1.4.26
Register D0h: Port Interface Delay Timer (Reset = 0x00)
7.1.4.27
Register D1h: Port Assign Interface Configuration 0A (Reset = 0x00)
7.1.4.28
Register D2h: Port Assign Interface Configuration 0B (Reset = 0x00)
Bit Number
Bit Name
Description
7:0
PRTDT
Port Delay Timer: A 0-255 bit value that represents a delay of 0-255ms from
the time a state change is detected on the PRT_ASSIGN[3:0] pins until the
internal logic begins the port switching process for the affected port (or ports)
to a different upstream host.
Note:
This register effectively creates a programmable debounce circuit
for mechanical switches that may be connected to the PRT_AS-
SIGN[3:0] interface pins.
Bit Number
Bit Name
Description
7:0
PORT_INT_0A
Port Assign Interface 0A: Determines the configuration of the hardware
interface configuration for the assignment of ports 1 & 2 to upstream hosts.
Bit [7:4] =
‘0000’ Port 2 is unassigned
‘0001’ Port 2 owned by UP1
‘0010’ Port 2 owned by UP2
‘0011’
to
‘1111’
Reserved, will default to ‘0001’ value
Bit [3:0] =
‘0000’ Port 1 is unassigned
‘0001’ Port 1 owned by UP1
‘0010’ Port 1 owned by UP2
‘0011’
to
‘1111’
Reserved, will default to ‘0001’ value
Bit Number
Bit Name
Description
7:0
PORT_INT_0B
Port Assign Interface 0B: Determines the configuration of the hardware
interface configuration for the assignment of ports 3 & 4 to upstream hosts.
Bit [7:4] =
‘0000’ Port 4 is unassigned
‘0001’ Port 4 owned by UP1
‘0010’ Port 4 owned by UP2
‘0011’
to
‘1111’
Reserved, will default to ‘0001’ value
Bit [3:0] =
‘0000’ Port 3 is unassigned
‘0001’ Port 3 owned by UP1
‘0010’ Port 3 owned by UP2
‘0011’
to
‘1111’
Reserved, will default to ‘0001’ value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com