Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 45 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 41Page - Microchip Technology USB2524 Datasheet HTML 42Page - Microchip Technology USB2524 Datasheet HTML 43Page - Microchip Technology USB2524 Datasheet HTML 44Page - Microchip Technology USB2524 Datasheet HTML 45Page - Microchip Technology USB2524 Datasheet HTML 46Page - Microchip Technology USB2524 Datasheet HTML 47Page - Microchip Technology USB2524 Datasheet HTML 48Page - Microchip Technology USB2524 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
2013 - 2016 Microchip Technology Inc.
DS00001588B-page 45
USB2524
Note 9-2
When in Bus-Powered mode, the Hub and its associated circuitry must not consume more than
100mA from the upstream USB power source during t4+t5+t6+t7.
9.1.1.3
RESET_N for SMBus Slave Configuration
t5
Host acknowledges attach and signals USB
Reset.
100
msec
t6
USB Idle.
undefined
msec
t7
Completion time for requests (with or without data
stage).
5
msec
FIGURE 9-3:
RESET_N TIMING FOR SMBUS MODE
TABLE 9-3:
RESET_N TIMING FOR SMBUS MODE
Name
Description
MIN
TYP
MAX
Units
t1
RESET_N Asserted.
1
sec
t2
Hub Recovery/Stabilization.
500
sec
t3
SMBus Code Load (See Note 9-3)
250
300
msec
t4
Hub Configuration and USB Attach.
100
msec
t5
Host acknowledges attach and signals USB
Reset.
100
msec
t6
USB Idle.
Undefined
msec
t7
Completion time for requests (with or without data
stage).
5
msec
TABLE 9-2:
RESET_N TIMING FOR EEPROM MODE (CONTINUED)
Name
Description
MIN
TYP
MAX
Units
t1
t2
t4
t5
t6
t7
RESET_N
VSS
Hardware
reset
asserted
Reset
Negation
SMBus Code
Load
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t3
Hub PHY
Stabilization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com