Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 46 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 42Page - Microchip Technology USB2524 Datasheet HTML 43Page - Microchip Technology USB2524 Datasheet HTML 44Page - Microchip Technology USB2524 Datasheet HTML 45Page - Microchip Technology USB2524 Datasheet HTML 46Page - Microchip Technology USB2524 Datasheet HTML 47Page - Microchip Technology USB2524 Datasheet HTML 48Page - Microchip Technology USB2524 Datasheet HTML 49Page - Microchip Technology USB2524 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
USB2524
DS00001588B-page 46
2013 - 2016 Microchip Technology Inc.
Note 9-3
For Self-Powered configurations, t3 MAX is not applicable and the time to load the configuration is
determined by the external SMBus host.
9.1.2
USB BUS RESET
In response to the upstream port signaling a reset to the Hub, the Hub does the following:
• Sets default address to 0.
• Sets configuration to: Unconfigured.
• Negates PRTPWR[4:1] to all downstream ports.
• Clears all TT buffers.
• Moves device from suspended to active (if suspended).
• Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the reset sequence.
The Host then configures the Hub and the Hub’s downstream port devices in accordance with the USB Specification.
Note:
For Bus-Powered configurations, the Hub and its associated circuitry will consume more than 100mA from
the upstream USB power source during t2+t3+t4+t5+t6+t7.
Note:
The Hub does not propagate the upstream USB reset to downstream devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com