Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 35 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 31Page - Microchip Technology USB2524 Datasheet HTML 32Page - Microchip Technology USB2524 Datasheet HTML 33Page - Microchip Technology USB2524 Datasheet HTML 34Page - Microchip Technology USB2524 Datasheet HTML 35Page - Microchip Technology USB2524 Datasheet HTML 36Page - Microchip Technology USB2524 Datasheet HTML 37Page - Microchip Technology USB2524 Datasheet HTML 38Page - Microchip Technology USB2524 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001588B-page 35
USB2524
7.1.4.61
Register F3h: Port Assignment 5 & 6 (Reset = 0x00)
7.1.4.62
Register F4h: Port Assignment 7 (Reset = 0x00)
7.1.4.63
Register F5h: Port Lockout (Reset = 0x00)
7.1.4.64
Register FFh: Status/Command (Reset = 0x00)
Bit Number
Bit Name
Description
7:0
PORT_ASSIGN_56
Reserved, always = ‘0’.
Bit Number
Bit Name
Description
7:0
PORT_ASSIGN_7
Reserved, always = ‘0’.
Bit Number
Bit Name
Description
7:0
PORT_LOCKOUT
Port Lockout: Locks a port to the currently assigned upstream port, and
doesn’t allow the port to be re-assigned.
‘0’ = port is available to be switched
‘1’ = port is locked to the assigned port.
Bit 7= Reserved, always = ‘0’.
Bit 6= Reserved, always = ‘0’.
Bit 5= Reserved, always = ‘0’.
Bit 4= 1; Port 4 is locked.
Bit 3= 1; Port 3 is locked.
Bit 2= 1; Port 2 is locked.
Bit 1= 1; Port 1 is locked.
Bit 0 is Reserved, always = ‘0’
Bit Number
Bit Name
Description
7:3
Reserved
Reserved. {Note: Software must never write a ‘1’ to these bits}
2
INTF_PW_DN
SMBus Interface Power Down
0 = Interface is active
1 = Interface power down after ACK has completed.
{Note: This bit is write once and is only cleared by assertion of the external
RESET_N pin.}
1
RESET
Reset the SMBus Interface and internal memory back to RESET_N assertion
default settings. {Note: During this reset, this bit is automatically cleared to its
default value of 0.}
0 = Normal Run/Idle State.
1 = Force a reset of the registers to their default state.
If the USB_ATTCH bit is set, then this bit will only reset the non write-
protected registers!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com