Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 20Page - Microchip Technology USB2524 Datasheet HTML 21Page - Microchip Technology USB2524 Datasheet HTML 22Page - Microchip Technology USB2524 Datasheet HTML 23Page - Microchip Technology USB2524 Datasheet HTML 24Page - Microchip Technology USB2524 Datasheet HTML 25Page - Microchip Technology USB2524 Datasheet HTML 26Page - Microchip Technology USB2524 Datasheet HTML 27Page - Microchip Technology USB2524 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
USB2524
DS00001588B-page 24
 2013 - 2016 Microchip Technology Inc.
7.1.4.16
Register 0Fh: Hub Controller Max Current For Bus Powered Operation (Reset = 0x00)
7.1.4.17
Register 10h: Power-On Time (Reset = 0x00)
7.1.4.18
Register 11h: Language ID High (Reset = 0x00)
7.1.4.19
Register 12h: Language ID Low (Reset = 0x00)
7.1.4.20
Register 13h: Manufacturer String Length (Reset = 0x00)
7.1.4.21
Register 14h: Product String Length (Reset = 0x00)
7.1.4.22
Register 15h: Serial String Length (Reset = 0x00)
Bit Number
Bit Name
Description
7:0
HC_MAX_C_BP
Hub Controller Max Current Bus-Powered: Value in 2mA increments that the
Hub consumes from an upstream port (VBUS) when operating as a bus-
powered hub. This value will include the hub silicon along with the combined
power consumption (from VBUS) of all associated circuitry on the board. This
value will NOT include the power consumption of a permanently attached
peripheral if the hub is configured as a compound device.
Bit Number
Bit Name
Description
7:0
POWER_ON_TIME
Power On Time: The length of time that is takes (in 2 ms intervals) from the
time the host initiated power-on sequence begins on a port until power is good
on that port. System software uses this value to determine how long to wait
before accessing a powered-on port.
Bit Number
Bit Name
Description
7:0
LANG_ID_H
USB LANGUAGE ID (Upper 8 bits of a 16 bit ID field)
Bit Number
Bit Name
Description
7:0
LANG_ID_L
USB LANGUAGE ID (lower 8 bits of a 16 bit ID field)
Bit Number
Bit Name
Description
7:0
MFR_STR_LEN
Manufacturer String Length
Maximum string length is 31 characters.
Bit Number
Bit Name
Description
7:0
PRD_STR_LEN
Product String Length
Maximum string length is 31 characters
Bit Number
Bit Name
Description
7:0
SER_STR_LEN
Serial String Length
Maximum string length is 31 characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com