Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 15Page - Microchip Technology USB2524 Datasheet HTML 16Page - Microchip Technology USB2524 Datasheet HTML 17Page - Microchip Technology USB2524 Datasheet HTML 18Page - Microchip Technology USB2524 Datasheet HTML 19Page - Microchip Technology USB2524 Datasheet HTML 20Page - Microchip Technology USB2524 Datasheet HTML 21Page - Microchip Technology USB2524 Datasheet HTML 22Page - Microchip Technology USB2524 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001588B-page 19
USB2524
7.1.4.4
Register 03h: Product ID (MSB) (Reset = 0x00)
7.1.4.5
Register 04h: Device ID (LSB) (Reset = 0x00)
7.1.4.6
Register 05h: Device ID (MSB) (Reset = 0x00)
7.1.4.7
Register 06h: CONFIG_BYTE_1 (Reset = 0x00)
Bit Number
Bit Name
Description
7:0
PID_MSB
Most Significant Byte of the Product ID. This is a 16-bit value that the Vendor
can assign that uniquely identifies this particular product (assigned by OEM).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
Bit Number
Bit Name
Description
7:0
DID_LSB
Least Significant Byte of the Device ID. This is a 16-bit device release number
in BCD format (assigned by OEM). This field is set by the OEM using either
the SMBus or EEPROM interface options.
Bit Number
Bit Name
Description
7:0
DID_MSB
Most Significant Byte of the Device ID. This is a 16-bit device release number
in BCD format (assigned by OEM). This field is set by the OEM using either
the SMBus or EEPROM interface options.
Bit Number
Bit Name
Description
7
SELF_BUS_PWR
Self or Bus Power: Selects between Self- and Bus-Powered operation.
The Hub is either Self-Powered (draws less than 2mA of upstream bus power)
or Bus-Powered (limited to a 100mA maximum of upstream power prior to
being configured by the host controller).
When configured as a Bus-Powered device, the Microchip Hub consumes less
than 100mA of current prior to being configured. After configuration, the Bus-
Powered Microchip Hub (along with all associated hub circuitry, any
embedded devices if part of a compound device, and 100mA per externally
available downstream port) must consume no more than 500mA of upstream
VBUS current. The current consumption is system dependent, and the OEM
must ensure that the USB 2.0 specifications are not violated.
When configured as a Self-Powered device, <1mA of upstream VBUS current
is consumed and all ports are available, with each port being capable of
sourcing 500mA of current.
This field is set by the OEM using either the SMBus or EEPROM interface
options.
Please see the description under Dynamic Power for the self/bus power
functionality when dynamic power switching is enabled.
0 = Bus-Powered operation.
1 = Self-Powered operation.
Note:
If Dynamic Power Switching is enabled, this bit is ignored and the
SELF_PWR pin is used to determine if the hub is operating from self
or bus power.
6
Reserved
Reserved, always = ‘0’.
5
HS_DISABLE
High Speed Disable: Disables the capability to attach as either a High/Full-
speed device, and forces attachment as Full-speed only i.e. (no High-Speed
support).
0 = High-/Full-Speed.
1 = Full-Speed-Only (High-Speed disabled!)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com