Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 6Page - Microchip Technology USB2524 Datasheet HTML 7Page - Microchip Technology USB2524 Datasheet HTML 8Page - Microchip Technology USB2524 Datasheet HTML 9Page - Microchip Technology USB2524 Datasheet HTML 10Page - Microchip Technology USB2524 Datasheet HTML 11Page - Microchip Technology USB2524 Datasheet HTML 12Page - Microchip Technology USB2524 Datasheet HTML 13Page - Microchip Technology USB2524 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
USB2524
DS00001588B-page 10
 2013 - 2016 Microchip Technology Inc.
Assign
Downstream
Ports to Upstream
Host Ports
PRT_ASSIGN
[3:0]
I
Port Assign Interface: Operates in either Embedded mode,
or Peripheral mode. See Section 6.0, "Assigning Ports" for
additional details.
SERIAL PORT INTERFACE
Serial Data/SMB
Data
SDA/SMBDATA
IOSD12
(Serial Data)/(SMB Data) signal.
Serial Clock/SMB
Clock
&
Configuration
Programming
Select
SCL/SMBCLK/
CFG_SEL0
IOSD12
(Serial Clock)/(SMB Clock) signal.
CFG_SEL0: The logic state of this multifunction pin is
internally latched on the rising edge of RESET_N
(RESET_N negation), and will determine the hub
configuration method as described in Table 4-2.
Configuration
Programming
Select
CFG_SEL1
I
The logic state of this pin is internally latched on the rising
edge of RESET_N (RESET_N negation), and will determine
the hub configuration method as described in Table 4-2.
Configuration
Programming
Select
CFG_SEL2
I
The logic state of this pin is internally latched on the rising
edge of RESET_N (RESET_N negation), and will determine
the hub configuration method as described in Table 4-2.
TABLE 4-2:
SMBUS OR EEPROM INTERFACE BEHAVIOR
Name
Name
Name
Function
CFG_SEL2
CFG_SEL1
CFG_SEL0
SMBus or EEPROM interface behavior.
0
0
0
Internal Default Configuration
• PRT_ASSIGN[3:0] = Embedded Mode.
• Strap options on pins LED_A[4:1]_N are enabled.
• LED Mode = USB Mode
0
0
1
Configured as an SMBus slave for external download of
user-defined descriptors.
• SMBus slave address is :0101100
• Strap options on pins LED_A[4:1]_N are disabled
• LED Mode = See Section 8.0, "LED Interface Descrip-
tion"
0
1
0
Internal Default Configuration
• PRT_ASSIGN[3:0] = Peripheral Mode (Level Triggered)
• Strap options on pins LED_A[4:1]_N are enabled.
• No support for unassigned Ports.
• LED Mode = USB Mode
011
2-wire (I2C) EEPROMS are supported,
• LED Mode = See Section 8.0, "LED Interface Descrip-
tion"
TABLE 4-1:
SWITCHING HUB PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com