Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 13Page - Microchip Technology USB2524 Datasheet HTML 14Page - Microchip Technology USB2524 Datasheet HTML 15Page - Microchip Technology USB2524 Datasheet HTML 16Page - Microchip Technology USB2524 Datasheet HTML 17Page - Microchip Technology USB2524 Datasheet HTML 18Page - Microchip Technology USB2524 Datasheet HTML 19Page - Microchip Technology USB2524 Datasheet HTML 20Page - Microchip Technology USB2524 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001588B-page 17
USB2524
0Dh
R/W
Max Power (Bus)
MAXPB
64h
0Eh
R/W
Hub Controller Max Current (Self)
HCMCS
01h
0Fh
R/W
Hub Controller Max Current (bus)
HCMCB
64h
10h
R/W
Power-on Time
PWRT
32h
11h
R/W
LANG_ID_H
LANGIDH
00h
12h
R/W
LANG_ID_L
LANGIDL
00h
13h
R/W
MFR_STR_LEN
MFRSL
00h
14h
R/W
PRD_STR_LEN
PRDSL
00h
15h
R/W
SER_STR_LEN
SERSL
00h
16h-53h
R/W
MFR_STR
MANSTR
00h
54h-91h
R/W
PROD_STR
PRDSTR
00h
92h-CFh
R/W
SER_STR
SERSTR
00h
D0h
R/W
PRT_DLY_TIME
PRTDT
2Fh
D1h
R/W
Port Assign Int0A
PRTIF0A
11h
D2h
R/W
Port Assign Int0B
PRTIF0B
11h
D3h
R/W
Port Assign Int0C
PRTIF0C
00h
D4h
R/W
Port Assign Int0D
PRTIF0D
00h
D5h
R/W
Port Assign Int1A
PRTIF1A
22h
D6h
R/W
Port Assign Int1B
PRTIF1B
22h
D7h
R/W
Port Assign Int1C
PRTIF1C
00h
D8h
R/W
Port Assign Int1D
PRTIF1D
00h
D9h
R/W
Port Assign Int2A
PRTIF2A
11h
DAh
R/W
Port Assign Int2B
PRTIF2B
22h
DBh
R/W
Port Assign Int2C
PRTIF2C
00h
DCh
R/W
Port Assign Int2D
PRTIF2D
00h
DDh
R/W
Port Assign Int3A
PRTIF3A
11h
DEh
R/W
Port Assign Int3B
PRTIF3B
21h
DFh
R/W
Port Assign Int3C
PRTIF3C
00h
E0h
R/W
Port Assign Int3D
PRTIF3D
00h
E1h
R/W
Port Assign Int4A
PRTIF4A
22h
E2h
R/W
Port Assign Int4B
PRTIF4B
12h
E3h
R/W
Port Assign Int4C
PRTIF4C
00h
E4h
R/W
Port Assign Int4D
PRTIF4D
00h
E5h
R/W
Port Assign Int5A
PRTIF5A
12h
E6h
R/W
Port Assign Int5B
PRTIF5B
11h
E7h
R/W
Port Assign Int5C
PRTIF5C
00h
TABLE 7-1:
INTERNAL EEPROM & SMBUS REGISTER MEMORY MAP (CONTINUED)
REG ADDR
R/W
Register Name
ABBR
Default ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com