Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 20Page - National Semiconductor (TI) PC87303 Datasheet HTML 21Page - National Semiconductor (TI) PC87303 Datasheet HTML 22Page - National Semiconductor (TI) PC87303 Datasheet HTML 23Page - National Semiconductor (TI) PC87303 Datasheet HTML 24Page - National Semiconductor (TI) PC87303 Datasheet HTML 25Page - National Semiconductor (TI) PC87303 Datasheet HTML 26Page - National Semiconductor (TI) PC87303 Datasheet HTML 27Page - National Semiconductor (TI) PC87303 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 114 page
background image
20 Configuration Registers (Continued)
Bit 1
EPP version select bit When this bit is 0 Version
17 is supported and STB AFD INIT and SLIN
are open drain outputs
When this bit is 1 Version 19 is supported (IEEE
1284) and STB AFD INIT and SLIN are push-pull
outputs This bit has the same affect on the output
buffers in ECP modes 0 and 2
Bit 2
ECP enabIe bit When this bit is 0 the ECP is dis-
abled and in power-down mode The ECP registers
are not accessible (access ignored) and the ECP
interrupt and DMA are inactive When this bit is 1
the ECP is enabled The software should change
this bit to 1 only when bits 0 1 and 2 of the exist-
ing CTR are 1 0 and 0 respectively
Bit 3
ECP clock freeze control bit
In power-down
modes 2 and 3 When this bit is 0 the clock provid-
ed to the ECP is stopped and
When this bit is 1 the clock provided to the ECP is
not stopped
Bit 4
Reserved This bit must be set to 0
Bit 5
Parallel port interrupt (IRQ5 or IRQ7) polarity con-
trol bit When this bit is 0 the interrupt polarity is
level high or negative pulse When this bit is 1 the
interrupt polarity is inverted
Bit 6
Parallel port interrupt (IRQ5 or IRQ7) open drain
control bit When this bit is 0 the configured inter-
rupt line (IRQ5 or IRQ7) has a totem-pole output
When this bit is 1 the configured interrupt line has
an open drain output (drive low no drive high no
internal pullup)
Bit 7
RTC RAM write mask bit When this bit is 0 the
RTC RAM is writeable When this bit is 1 the RTC
RAM is not writeable and writes are ignored
256 KBC and RTC Control Register
(KRR Index e 05h)
This register enables and disables the keyboard controller
(KBC) and the Real-Time Clock (RTC) It selects the clock
source and operating mode of the KBC selects different
banks of CMOS RAM in the RTC and selects the RTC test
mode
When PWRGOOD is low
KRR is initialized to
00000001
Bit 0
KBC Enable bit When this bit is zero the KBC
clock is frozen and the state of its dedicated pins
cannot be altered When this bit is one the KBC is
functional
Bit 1
KBC Speed control bit Controls the KBC speed
when X1OSC clock source is selected (KRR7 is
0) This bit is ignored when SYSCLK clock source
is selected (KRR7 is 1)
When this bit is 0 the KBC clock is the X1OSC
frequency divided by three (typically 8 MHz) When
this bit is 1 the KBC clock is the X1OSC frequen-
cy divided by two (typically 12 MHz)
Bit 2
PAE Program Access Enable of the keyboard
controller This bit should be set to 1
Bit 3
RTC Enable bit When this bit is 0 the RTC is dis-
abled and IRQ8 is in TRI-STATE When this bit is 1
the RTC is enabled
Bit 4
CLKTEST RTC clock test mode select When this
bit is 1 the SYNC pin outputs the 32 kHz RTC
clock When this bit is 0 the SYNC pin is not driv-
en When PWRGOOD is low this bit is initialized to
0
Bit 5
RAMSREL RTC CMOS RAM bank select When
this bit is 1 it selects the upper 128 bytes of CMOS
RAM When this bit is 0 it selects the lower
128 bytes of CMOS RAM
Bit 6
On-chip KBC Address Decoder Enable bit When
this bit is 0 (and KRR0 is 1) the KBC is accessed
when CS is low and the address pin A2 selects
the KBC registers When this bit is 1 (and KRR0 is
1) the CS input is ignored and the address pins
A0 – 9 select the KBC registers (60h or 64h)
Bit 7
KBC clock source select bit When this bit is 0 the
KBC uses the X1OSC clock source When this bit
is 1 the KBC uses the SYSCLK clock source This
bit enables the KBC to operate in power-down
mode even when the X1 clock is frozen It may be
modified only when the KBC is disabled via bit 0 of
KRR
257 Power Management Control Register
(PMC Index e 06h)
This register controls the TRI-STATE and input pins The
PMC register is accessed through Index 06h The PMC Reg-
ister is cleared to 0 on reset
Bit 0
IDE TRI-STATE Control bit
0 When this bit is 0 it does not affect the IDE
pins
1 IDE7 and HCS01 are in TRI-STATE IDEHI and
IDELO are inactive when either the IDE is dis-
abled or the chip is in power-down mode
Bit 1
FDC TRI-STATE Control bit
0 When this bit is 0 it does not affect the FDC
pins
1 The
FDC
outputs
except
IRQ6
are
in
TRI-STATE when either the FDC is disabled or
the chip is in power down mode
Bit 2
UART TRI-STATE Control bit
0 When this bit is 0 it does not affect the UART’s
pins
1 The outputs of any UART except IRQ4 and
IRQ3 are in TRI-STATE when that UART is dis-
abled or the chip is in power-down
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com