Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 2Page - National Semiconductor (TI) PC87303 Datasheet HTML 3Page - National Semiconductor (TI) PC87303 Datasheet HTML 4Page - National Semiconductor (TI) PC87303 Datasheet HTML 5Page - National Semiconductor (TI) PC87303 Datasheet HTML 6Page - National Semiconductor (TI) PC87303 Datasheet HTML 7Page - National Semiconductor (TI) PC87303 Datasheet HTML 8Page - National Semiconductor (TI) PC87303 Datasheet HTML 9Page - National Semiconductor (TI) PC87303 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
List of Figures (Continued)
FIGURE 10-13 Reset Timing
107
FIGURE 10-14 Write Data Timing
107
FIGURE 10-15 Read Data Timing
108
FIGURE 10-16 Drive Control Timing
108
FIGURE 10-17 IDE Timing
108
FIGURE 10-18 Compatible Mode Parallel Port Interrupt Timing
109
FIGURE 10-19 Extended Mode Parallel Port Interrupt Timing
109
FIGURE 10-20 Typical Parallel Port Data Exchange
109
FIGURE 10-21 Enhanced Parallel Port Timing
110
FIGURE 10-22 ECP Parallel Port Forward Timing Diagram
111
FIGURE 10-23 ECP Parallel Port Backward Timing Diagram
111
FIGURE 10-24 IRQ Release Delay
112
FIGURE 10-25 PWRGOOD VCC Timing
112
FIGURE 10-26 PWRGOOD MR Timing
112
FIGURE 10-27 Chip Select Timing
113
List of Tables
TABLE 1-1
Pin Descriptions (Alphabetical)
10
TABLE 2-1
Default Configurations Controlled by Hardware
19
TABLE 2-2
Index and Data Register Optional Locations
19
TABLE 2-3
Encoded Drive and Motor Pin Information
21
TABLE 2-4
Primary and Secondary Drive Address Selection
22
TABLE 2-5
Parallel Port Addresses
22
TABLE 2-6
COM Port Selection for UART1
22
TABLE 2-7
COM Port Selection for UART2
22
TABLE 2-8
Address Selection for COM3 and COM4
22
TABLE 2-9
Logical Drive Exchange
23
TABLE 2-10
Parallel Port Mode
23
TABLE 3-1
Register Description and Addresses
28
TABLE 3-2
Drive Enable Values
29
TABLE 3-3
TDR Operation Modes
30
TABLE 3-4
Media ID Bit Functions
30
TABLE 3-5
Tape Drive Assignment Values
30
TABLE 3-6
Write Precompensation Delays
31
TABLE 3-7
Default Precompensation Delays
32
TABLE 3-8
Data Rate Select Encoding
32
TABLE 4-1
Typical Format GAP3 Length Values Based on Drive Data Rate
36
TABLE 4-2
Typical Format GAP3 Length Values Based on PC Compatible Diskette Media
36
TABLE 4-3
DENSEL Default Encoding
39
TABLE 4-4
DENSEL Encoding
39
TABLE 4-5
Head Settle Time Calculation
39
TABLE 4-6
Effect of Drive Mode and Data Rate on Format and Write Commands
40
TABLE 4-7
Effect of GAP and WG on Format and Write Commands
40
TABLE 4-8
Sector Size Selection
41
TABLE 4-9
SK Effect on the Read Data Command
42
TABLE 4-10
Result Phase Termination Values with No Error
42
TABLE 4-11
SK Effect on Read Deleted Data Command
43
TABLE 4-12
Maximum Recalibrate Step Pulses Based on R255 and ETR
44
TABLE 4-13
Scan Command Termination Values
45
TABLE 4-14
Status Register 0 Termination Codes
47
TABLE 4-15
Set Track Register Address
47
TABLE 4-16
Step Rate Time (SRT) Values
47
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com