Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 100 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 96Page - National Semiconductor (TI) PC87303 Datasheet HTML 97Page - National Semiconductor (TI) PC87303 Datasheet HTML 98Page - National Semiconductor (TI) PC87303 Datasheet HTML 99Page - National Semiconductor (TI) PC87303 Datasheet HTML 100Page - National Semiconductor (TI) PC87303 Datasheet HTML 101Page - National Semiconductor (TI) PC87303 Datasheet HTML 102Page - National Semiconductor (TI) PC87303 Datasheet HTML 103Page - National Semiconductor (TI) PC87303 Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 114 page
background image
100 Electrical Characteristics (Continued)
1023 Microprocessor Interface Timing
Symbol
Parameter
Min
Max
Units
tAR
Valid Address to Read Active
18
ns
tAW
Valid Address to Write Active
18
ns
tDH
Data Hold
0
ns
tDS
Data Setup
18
ns
tHZ
Read to Floating Data Bus
13
25
ns
tPS
Port Setup
10
ns
tRA
Address Hold from Inactive Read
0
ns
tRCU
Read Cycle Update
45
ns
tRD
Read Strobe Width
60
ns
tRDH
Read Data Hold
10
ns
tRI
Read Strobe to Clear IRQ6
55
ns
tRVD
Active Read to Valid Data
55
ns
tWA
Address Hold from Inactive Write
0
ns
tWCU
Write Cycle Update
45
ns
tWI
Write Strobe to Clear IRQ6
55
ns
tWO
Write Data to Port Update
60
ns
tWR
Write Strobe Width
60
ns
RC
Read Cycle e tAR a tRD a tRCU
123
ns
WC
Write Cycle e tAW a tWR a tWCU
123
ns
tWRR
RD Low after WR High
80
ns
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com