Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 69Page - National Semiconductor (TI) PC87303 Datasheet HTML 70Page - National Semiconductor (TI) PC87303 Datasheet HTML 71Page - National Semiconductor (TI) PC87303 Datasheet HTML 72Page - National Semiconductor (TI) PC87303 Datasheet HTML 73Page - National Semiconductor (TI) PC87303 Datasheet HTML 74Page - National Semiconductor (TI) PC87303 Datasheet HTML 75Page - National Semiconductor (TI) PC87303 Datasheet HTML 76Page - National Semiconductor (TI) PC87303 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
70 Parallel Port (Continued)
IEEE P1284 Draft 200 September 10 1993 Microsoft’s
ECP Protocol and ISA Interface Standard revision 114
July 7 1993 provide detailed descriptions of Level 2 IO
buffers
When an EPP or ECP mode is configured with the excep-
tion of ECP mode 000 the following parallel port pins have
Level 2 IO buffers PD0 – PD7 STB AFD INIT SLIN ACK
ERR SLCT PE and BUSY
(See DC Electrical Characterisitics Section 111 for further
information)
72 DATA REGISTER (DTR)
TLC12074 – 28
This is a bidirectional data port that transfers 8-bit date The
direction is determined by the PTR7 and the CTR5 bits
When PTR7 is high the CTR5 bit will determine the data
direction in conjunction with the Read and Write strobes
When PTR7 bit is low the parallel port operates in the out-
put mode only See PTR7 bit and CTR5 bit for further infor-
mation The reset value of this register is 0 See Table 7-3
73 STATUS REGISTER (STR)
TLC12074 – 29
This register provides status for the signals listed below It is
a read only register Writing to it is an invalid operation that
has no effect
Bit 0
When in EPP mode this is the timeout status bit
When this bit is 0 no timeout
When this bit is 1 timeout occurred on EPP cycle
(minimum 10 ms)
It is cleared to 0 after STR is read ie consecutive
reads (after the first read) always return 0 It is also
cleared to 0 when EPP is enabled (bit 0 of PCR is
changed from 0 to 1)
When not in EPP mode this bit is 1
Bit 1
Reserved this bit is always 1
Bit 2
In the compatible mode (PTR7 bit is 0) or in ECP and
EPP bit 4 of PCR e 0 this bit is always one
In the Extended Mode (PTR7 bit is 1) or in ECP and
EPP with bit 4 of PCR e 1 this bit is the IRQ
STATUS bit
In the Extended mode if CTR4 e 1 then this bit is
latched low when the ACK signal makes a transition
from low to high Reading this bit sets it to a one
Bit 3
This bit represents the current state of the printer
error signal (ERROR) The printer sets this bit low
when there is a printer error This bit follows the state
of the ERR pin
Bit 4
This bit represents the current state of the printer
select signal (SLCT) The printer sets this bit high
when it is selected This bit follows the state of the
SLCT pin
Bit 5
This bit represents the current state of the printer
paper end signal (PE) The printer sets this bit high
when it detects the end of the paper This bit follows
the state of the PE pin
Bit 6
This bit represents the current state of the printer
acknowledge signal (ACK) The printer pulses this
signal low after it has received a character and is
ready to receive another one This bit follows the
state of the ACK pin
Bit 7
This bit (BUSY) represents the current state of the
printer busy signal The printer sets this bit low when
it is busy and cannot accept another character This
bit is the inverse of the (BUSYWAIT) pin
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com