Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 45Page - National Semiconductor (TI) PC87303 Datasheet HTML 46Page - National Semiconductor (TI) PC87303 Datasheet HTML 47Page - National Semiconductor (TI) PC87303 Datasheet HTML 48Page - National Semiconductor (TI) PC87303 Datasheet HTML 49Page - National Semiconductor (TI) PC87303 Datasheet HTML 50Page - National Semiconductor (TI) PC87303 Datasheet HTML 51Page - National Semiconductor (TI) PC87303 Datasheet HTML 52Page - National Semiconductor (TI) PC87303 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
40 FDC Command Set Description (Continued)
TABLE 4-19 Verify Command Result Phase
MT
EC
SCEOT Value (Notes 1 2)
Termination Result
0
0
DTL used (should be FFh)
No Errors
EOT s
Sectors per Side
0
0
DTL used (should be FFh)
Abnormal Termination
EOT l
Sectors per Side
01
SC s
Sectors per Side
No Errors
AND
SC s EOT
01
SC l
Sectors Remaining
Abnormal Termination
OR
SC l EOT
1
0
DTL used (should be FFh)
No Errors
EOT s
Sectors per Side
1
0
DTL used (should be FFh)
Abnormal Termination
EOT l
Sectors per Side
11
SC s
Sectors per Side
No Errors
AND
SC s EOT
11
SC s (EOT c 2)
No Errors
AND
EOT s
Sectors per Side
11
SC l (EOT c 2)
Abnormal Termination
Note 1
Sectors per Side e number of formatted sectors per each side of the disk
Note 2
Sectors Remaining e number of formatted sectors remaining which can be read which includes side 1 of the disk if the MT bit is set to 1
Note 3
If MT e 1 and the SC value is greater than the number of remaining formatted sectors on side 0 verifying will continue on side 1 of the disk
4122 Version Command
The Version command can be used to determine the floppy
controller being used The Result Phase uniquely identifies
the floppy controller version The FDC returns a value of
90h in order to be compatible with the 82077 The DP8473
and other NEC765 compatible controllers will return a value
of 80h (invalid command)
Command Phase
00010000
Execution Phase
None
Result Phase
10010000
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com