Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 27Page - National Semiconductor (TI) PC87303 Datasheet HTML 28Page - National Semiconductor (TI) PC87303 Datasheet HTML 29Page - National Semiconductor (TI) PC87303 Datasheet HTML 30Page - National Semiconductor (TI) PC87303 Datasheet HTML 31Page - National Semiconductor (TI) PC87303 Datasheet HTML 32Page - National Semiconductor (TI) PC87303 Datasheet HTML 33Page - National Semiconductor (TI) PC87303 Datasheet HTML 34Page - National Semiconductor (TI) PC87303 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 114 page
background image
30 FDC Register Description (Continued)
315 Main Status Register (MSR)
Read Only
The read-only Main Status Register indicates the current
status of the disk controller The Main Status Register is
always available to be read One of its functions is to control
the flow of data to and from the Data Register (FIFO) The
Main Status Register indicates when the disk controller is
ready to send or receive data through the Data Register It
should be read before each byte is transferred to or from
the Data Register except during a DMA transfer No delay is
required when reading this register after a data transfer
After a hardware or software reset or recovery from a pow-
er-down state the Main Status Register is immediately
available to be read by the mP It contains a value of 00h
until the oscillator circuit has stabilized and the internal reg-
isters have been initialized When the FDC is ready to re-
ceive a new command it reports an 80h to the mP The
system software can poll the MSR until it is ready The worst
case time allowed for the MSR to report an 80h value (RQM
set) is 25 ms after reset or power up
MSR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
RQM
DIO
NON
CMD
DRV3
DRV2
DRV1
DRV0
DMA
PROG
BUSY
BUSY
BUSY
BUSY
RESET
0
0
0
0
0000
COND
D7
Request for Master
Indicates that the controller is
ready to send or receive data from the mP through
the FIFO This bit is cleared immediately after a byte
transfer and is set again as soon as the disk con-
troller is ready for the next byte During a Non-DMA
Execution phase the RQM indicates the status of
the interrupt pin
D6
Data IO (Direction)
Indicates whether the con-
troller is expecting a byte to be written to (0) or read
from (1) the Data Register
D5
Non-DMA Execution
Indicates that the controller
is in the Execution Phase of a byte transfer opera-
tion in the Non-DMA mode This mode can be used
for multiple byte transfers by the mP in the Execu-
tion Phase via interrupts or software polling
D4
Command in Progress
This bit is set after the first
byte of the Command Phase is written This bit is
cleared after the last byte of the Result Phase is
read If there is no Result Phase in a command the
bit is cleared after the last byte of the Command
Phase is written
D3
Drive 3 Busy
Set after the last byte of the Com-
mand Phase of a Seek or Recalibrate command is
issued for drive 3 Cleared after reading the first
byte in the Result Phase of the Sense Interrupt
Command for this drive
D2
Drive 2 Busy
Same as above but for drive 2
D1
Drive 1 Busy
Same as above but for drive 1
D0
Drive 0 Busy
Same as above but for drive 0
316 Data Rate Select Register (DSR)
Write Only
This write-only register is used to program the data rate
amount of write precompensation power-down mode and
software reset The data rate is programmed via the CCR
not the DSR for PC-AT and PS2 Model 30 and MicroChan-
nel applications Other applications can set the data rate in
the DSR The data rate of the floppy controller is deter-
mined by the most recent write to either the DSR or CCR
The DSR is unaffected by a software reset A hardware re-
set sets the DSR to 02h which corresponds to the default
precompensation setting and 250 kbps
DSR
D7
D6
D5
D4
D3
D2
D1
D0
DESC
SW
LOW
0
PRE-
PRE-
PRE-
DRATE1 DRATE0
RESET POWER
COMP2 COMP1 COMP0
RESET
00
0
0
00
1
0
COND
D7
Software Reset
This bit has the same function as
the DOR RESET (D2) except that this software re-
set is self-clearing
D6
Low Power
A 1 to this bit puts the controller into
the Manual Low Power mode The oscillator and
data separator circuits are turned off Manual Low
Power can also be accessed via the Mode com-
mand The chip comes out of low power after a soft-
ware reset or access to the Data Register or Main
Status Register
D5
Undefined Should be set to 0
D4 2
Precompensation Select
These three bits select
the amount of write precompensation the floppy
controller uses on the WDATA disk interface output
Table 3-6 shows the amount of precompensation
used for each bit pattern In most cases the default
values (Table 3-7) can be used however alternate
values can be chosen for specific types of drives
and media Track 0 is the default starting track num-
ber for precompensation The starting track number
can be changed in the Configure command
TABLE 3-6 Write Precompensation Delays
Bits 4 3 2
Precompensation Delay
111
00 ns
001
417 ns
010
833 ns
011
1250 ns
100
1667 ns
101
2083 ns
110
2500 ns
000
DEFAULT
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com