Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 87Page - National Semiconductor (TI) PC87303 Datasheet HTML 88Page - National Semiconductor (TI) PC87303 Datasheet HTML 89Page - National Semiconductor (TI) PC87303 Datasheet HTML 90Page - National Semiconductor (TI) PC87303 Datasheet HTML 91Page - National Semiconductor (TI) PC87303 Datasheet HTML 92Page - National Semiconductor (TI) PC87303 Datasheet HTML 93Page - National Semiconductor (TI) PC87303 Datasheet HTML 94Page - National Semiconductor (TI) PC87303 Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
90 Keyboard Controller and Real-Time Clock (Continued)
92 REAL-TIME CLOCK FUNCTION
The RTC in the PC87303 is a low-power clock that provides
a time-of-day clock and 100-year calendar with alarm fea-
tures and battery operation Other features include three
maskable interrupt sources and 242 bytes of general pur-
pose RAM Valid RAM and time can be maintained through
the use of an external battery source It is software compati-
ble with the DS1287 and MC146818
921 Memory Map
The RTC contains 14 time and control registers It also con-
tains 242 bytes of general purpose battery backed static
RAM in two banks RAMSEL is used to select the active
bank Refer to Table 9-2
922 Bus Interface
The RTC function is mapped to IO locations 70h (index)
and 71h (data)
This decode is done internal to the
PC87303
923 Time Generation
The Time Generation function divides the 32768 kHz from
the external clock pins (X1C X2C) down to a one Hertz
signal The divider chain is controlled by bits 6 – 4 of Control
Register A Bits 3 – 0 of Control Register A select one of
fifteen taps from the divider chain to be used as a Periodic
Interrupt See Control Register A in the Control Register and
Interrupt section for divider configurations and rate selec-
tions
During divider reset (bits 6 – 4 of Control Register A e 11x)
the divider chain is reset to 0 An update will occur 500 ms
after the divider chain is activated into normal operational
mode (bits 6 – 4 of Control Register A e 010) The periodic
flag also becomes active 12 of the programmed value
when the divider chain is activated
Figure 9-13 represents the internal and external circuitry
that comprise the oscillator The oscillator input may be driv-
en from an external source If this is desired the input
should be driven rail to rail and be approximately a 50%
duty cycle The oscillator output should be open in this case
The external capacitor values should be chosen to provide
the manufacturer’s specified load capacitance for the crys-
tal when combined with the parasitic capacitance of the
trace socket and package which can vary from 0 pF to
8 pF The rule of thumb in choosing these capacitors is
CL e (C1 C2)(C1 a C2) a Cparasitic
C2 l C1
C1 can be trimmed to obtain the 327680 Hz
TABLE 9-2 RTC Memory Map
Index
Function
BCD Format
Binary Format
Comments
(RAMSEL e 0)
00
Seconds
00 – 59
00 – 3b
RW
01
Seconds Alarm
00 – 59
00 – 3b
RW
02
Minutes
00 – 59
00 – 3b
RW
03
Minutes Alarm
00 – 59
00 – 3b
RW
04
Hours
12 hr e 01 – 12 (AM)
01 – 0c (AM)
RW
12 hr e 81 – 92 (PM)
81 – 8c (PM)
RW
24 hr e 00–23
00–17
R W
05
Hours Alarm
12 hr e 01 – 12 (AM)
01 – 0c (AM)
RW
12 hr e 81 – 92 (PM)
81 – 8c (PM)
RW
24 hr e 00–23
00–17
R W
06
Day of Week
01 – 07
01 – 07 (Sunday e 1)
RW
07
Date of Month
01 – 31
01 – 1f
RW
08
Month
01–12
01 – 0c
RW
09
Year
00 – 99
00 – 63
RW
0A
Control Register A
RW (Bit 7 is Read Only)
0B
Control Register B
RW (Bit 3 is Read Only)
0C
Control Register C
R
0D
Control Register D
R
0E – 7F
Battery-Backed RAM
RW
(114 Bytes)
(RAMSEL e 1)
00 – 7F
Battery-Backed RAM
RW
(128 Bytes)
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com