Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 23Page - National Semiconductor (TI) PC87303 Datasheet HTML 24Page - National Semiconductor (TI) PC87303 Datasheet HTML 25Page - National Semiconductor (TI) PC87303 Datasheet HTML 26Page - National Semiconductor (TI) PC87303 Datasheet HTML 27Page - National Semiconductor (TI) PC87303 Datasheet HTML 28Page - National Semiconductor (TI) PC87303 Datasheet HTML 29Page - National Semiconductor (TI) PC87303 Datasheet HTML 30Page - National Semiconductor (TI) PC87303 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 114 page
background image
20 Configuration Registers (Continued)
2 Write to the Data Rate Select Register and set the Soft-
ware Reset bit (DSR7) or
3 Write to the Digital Output Register set and then clear
the Reset bit (DOR2) or
4 Read the Data Register and the Main Status Register
until the RQM bit is set
If the crystal has been stopped read the RQM bit in the
Main Status Register until it is set The RQM bit is not set
until the crystal has stabilized
30 FDC Register Description
The floppy disk controller is suitable for all PC-AT EISA
PS2 and general purpose applications The operational
mode (PC-AT PS2 and Model 30) of the FDC is deter-
mined by bits 7 6 of ASC register AT mode is the default
DP8473 and N82077 software compatibility is provided Key
features include a 16-byte FIFO PS2 diagnostic register
support perpendicular recording mode CMOS disk inter-
face and a high performance analog data separator See
Figure 3-1
The FDC supports the standard PC data rate drives of 250
500 kbps 300500 kbps and 1 Mbps in MFM-encoded data
mode but is no longer guaranteed through functional test-
ing to support the older FM encoded data mode Refer-
ences to the older FM mode remain in this document to
clarify the true functional operation of the device
The 1 Mbps data rate is used by the high performance tape
and floppy drives The FDC supports these floppy drives
which utilize high density media and require the perpendic-
ular recording mode format When used with the 1 Mbps
data rate this new format allows the use of 4 MB floppy
drives which format Extra Density (ED) media to 288 MB
capacity
The high performance internal analog data separator needs
no external components It improves on the window margin
performance standards of the DP8473 and is compatible
with the strict data separator requirements of floppy disk
and floppy-tape drives
The FDC contains write precompensation circuitry that de-
faults to 125 ns for 250 kbps 300 kbps and 500 kbps and
to 4167 ns for 1 Mbps These values can be overridden in
software to disable write precompensatoin or to provide lev-
els of precompensation up to 250 ns
TLC12074 – 18
FIGURE 3-1 FDC Functional Block Diagram
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com