Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 77Page - National Semiconductor (TI) PC87303 Datasheet HTML 78Page - National Semiconductor (TI) PC87303 Datasheet HTML 79Page - National Semiconductor (TI) PC87303 Datasheet HTML 80Page - National Semiconductor (TI) PC87303 Datasheet HTML 81Page - National Semiconductor (TI) PC87303 Datasheet HTML 82Page - National Semiconductor (TI) PC87303 Datasheet HTML 83Page - National Semiconductor (TI) PC87303 Datasheet HTML 84Page - National Semiconductor (TI) PC87303 Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
70 Parallel Port (Continued)
The FIFO does not stall when overwritten or underrun (ac-
cess is ignored) Bytes are always read from the top of the
FIFO regardless of the direction bit (bit 5 of DCR) For ex-
ample if 44h 33h 22h 11h is written into the FIFO reading
the FIFO returns 44h 33h 22h 11h (in the same order it
was written)
CNFGA
Configuration Register A Read only
Reading this register always returns 0001x100 Writing this
register has no effect and the data is ignored
Bit 3 of CNFGA reflects the value of bit 5 of the ASC regis-
ter
CNFGB
Configuration Register B Read only
Reading this register returns the configured parallel port in-
terrupt line and its state as follows
Bit 7
This bit is always 0
Bit 6
Holds the (non-inverted) value on the config-
ured IRQ pin
Bits 5 4
These bits are 1 when IRQ5 is configured and
0 when IRQ7 is configured
Bit 3
This bit is always 1
Bits 2 – 0
These bits are always 0
Writing this register has no effect and the data
is ignored
ECR
Extended Control Register This register controls the
ECP and parallel port functions Upon reset this register is
initialized to 00010101
IOCHRDY is driven low on ECR read when the ECR status
bits are not holding updated data
Bits 7 6 5
(Mode) Bit 7 is the MSB of the three bits value
000 Standard mode
Write cycles are per-
formed under software control STB AFD
INIT and SLIN are open-drain outputs
Bit 5 of DCR is ignored (assumes forward
direction) and PD0 – PD7 are driven The
FIFO is reset (empty)
001 PS2 mode Read and write cycles are
performed under software control
The
FIFO is reset (empty) STB AFD INIT and
SLIN are open-drain outputs
010 Parallel Port FIF0 mode Write cycles are
performed under hardware control (STB is
controlled by hardware) Bit 5 of DCR is
ignored (assumes forward direction) and
PD0 – PD7 are driven STB AFD INIT and
SLIN are open-drain output buffers when
bit 1 of PCR is 0 When bit 1 of PCR is 1
the output buffers are push-pull
011 ECP FIFO mode The FIFO direction is
controlled by bit 5 of DCR
Read and write cycles to the device are
performed under hardware control (STB
and AFD are controlled by hardware) STB
AFD INIT and SLIN are push-pull output
buffers
100 Reserved
101 Reserved
110 FIFO test mode The FIFO is accessible
via the TFIFO register
The ECP does not issue ECP cycles to fill
empty the FIFO
111 Configuration mode
The CNFGA and
CNFGB registers are accessible in this
mode
Bit 4
ECP Interrupt Mask bit When this bit is 0 an
interrupt is generated on ERR assertion (the
high-to-low edge of ERR) An interrupt is also
generated when ERR is asserted while this bit is
changed from 1 to 0 this prevents the loss of
an interrupt between ECR read and ECR write
When this bit is 1 no interrupt is generated
Bit 3
ECP DMA Enable bit When this bit is 0 DMA is
disabled and the PDRQ pin is in TRI-STATE
When this bit is 1 DMA is enabled and DMA
starts when bit 2 of ECR is 0
Note
PDACK is assumed inactive when this bit is 0
Bit 2
ECP Service bit When this bit is 0 and one of
the following three interrupt events occur an in-
terrupt is generated and this bit is set to 1 by
hardware
1 Bit 3 of ECR is 1 and terminal count is
reached during DMA
2 Bit 3 of ECR is 0 and bit 5 of DCR is 0 and
there are eight or more bytes free in the
FIFO
3 Bit 3 of ECR is 0 and bit 5 of DCR is 1 and
there are eight or more bytes to be read from
the FIFO
When this bit is 1 DMA and the above three
interrupts are disabled
Writing 1 to this bit does not cause an interrupt
When the ECP clock is frozen this bit is read as
0 regardless of its actual value (even though
the bit may be modified by software when the
ECP clock is frozen)
Bit 1
FIFO Full bit Read only
This bit is 0 when the FIFO has at least one free
byte
This bit is 1 when the FIFO is full
This bit continuously reflects the FIFO state
and therefore can only be read Data written to
this bit is ignored
When the ECP clock is frozen this bit is read as
1 regardless of the actual FIFO state
Bit 0
FIFO Empty bit Read only
This bit is 0 when the FiFO has at least one byte
of data
This bit is 1 when the FIFO is empty
This bit continuously reflects the FIFO state
and therefore can only be read Data written to
this bit is ignored
When the ECP clock is frozen this bit is read as
1 regardless of the actual FIFO state
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com