Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 8Page - National Semiconductor (TI) PC87303 Datasheet HTML 9Page - National Semiconductor (TI) PC87303 Datasheet HTML 10Page - National Semiconductor (TI) PC87303 Datasheet HTML 11Page - National Semiconductor (TI) PC87303 Datasheet HTML 12Page - National Semiconductor (TI) PC87303 Datasheet HTML 13Page - National Semiconductor (TI) PC87303 Datasheet HTML 14Page - National Semiconductor (TI) PC87303 Datasheet HTML 15Page - National Semiconductor (TI) PC87303 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
10 Pin Description (Continued)
TABLE 1-1 Pin Descriptions (Alphabetical)
(Continued)
Symbol
Pin
IO
Function
FDRQ
27
O
DMA Request
Active high output to signal the DMA controller that a FDC data transfer is needed
When in PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When in PS2 mode
FDRQ is always enabled and bit D3 of the DOR is reserved
HCS0
89
O
Hard Drive Chip Select 0
This output is active in the PC-AT mode when 1) the hard drive registers
from 1F0 – 1F7h are selected and the primary address is used or 2) when the hard drive registers from
170 – 177h are selected and the secondary address is used This output is inactive if the IDE interface
is disabled via the Configuration Register (See BADDR1 for further information)
HCS1
88
O
Hard Drive Chip Select 1
This output is active in the PC-AT mode when 1) the hard drive registers
from 3F6 – 7 are selected and the primary address is used or 2) the hard drive registers from 376 – 377
are selected and the secondary address is used This output is also inactive if the IDE interface is
disabled via the Configuration Register
HDSEL
62
O
Head Select
This output determines which side of the FDD is accessed When Active the head
selects side 1 When inactive the head selects side 0
IDEACK
85
I
IDE DMA Acknowledge
This is the IDE DMA acknowledge input pin when bit 1 of FCR is 1 In this
case the DENSEL polarity is active high (IDENT assumed 1) This pin is the IDENT input pin when bit 1
of FCR is 0 (See IDENT pin for further information)
IDED7
91
IO
IDE Bit 7
This pin provides the data bus bit 7 signal to the IDE hard drive during accesses in the
address range 1F0 – 1F7h 170 – 177h 3F6h and 376h This pin is TRI-STATE during read or write
accesses to 3F7h and 377h
IDEHI
87
O
IDE High Byte
This output enables the high byte data latch during a read or write to the hard drive if
the hard drive returns IOCS16 This output is inactive if the IDE interface is disabled via the
Configuration Register (See VLD0 and DRID1 for further information)
IDELO
86
O
IDE Low Byte
This output enables the low byte data latch during a read or write to the hard drive This
output is inactive if the IDE interface is disabled via the Configuration Register (See BADDR0 for
further information)
IDENT
85
I
Identity
After chip reset the state of IDENT determines the polarity of the DENSEL output When
IDENT is a logic ‘‘1’’ DENSEL is active high for the 500 kbps and 1 Mbps data rates When IDENT is a
logic ‘‘0’’ DENSEL is active low for the 500 kbps and 1 Mbps data rates (See Mode command for
explanation of DENSEL) (See IDEACK for further information)
INDEX
76
I
Index
This input signals the beginning of a FDD track
INIT
118
IO
Initialize
When this signal is low it causes a connected printer to be initialized This pin is in a TRI-
STATE condition 10 ns aftera1is loaded into the corresponding Control Register bit The system
should pull this pin high using a 47 kX resistor
IOCHRDY
22
O
IO Channel Ready
This is the IO Channel Ready open drain output When IOCHRDY is driven low
the EPP extends the host cycle
IOCS16
90
I
IO Chip Select 16-Bit
This input is driven by a connected peripheral device which can accommodate
a 16-bit access This pin is configured when bit 2 of ASC is 0 (See DRID0 for further information)
IRQ34
19 18
O
Interrupt 3 and 4
These are active high interrupts associated with the serial ports IRQ3 presents the
signal if the serial channel has been designated as COM2 or COM4 IRQ4 presents the signal if the
serial port is designated as COM1 or COM3 The appropriate interrupt goes active whenever it is
enabled via the Interrupt Enable Register (IER) the associated Interrupt Enable bit (Modem Control
Register bit 3 MCR3) and any of the following conditions are active Receiver Error Receive Data
available Transmitter Holding Register Empty or a Modem Status Flag is set The interrupt signal is
reset low (inactive) after the appropriate interrupt service routine is executed after being disabled via
the IER or after a Master Reset Either interrupt can be disabled putting them into TRI-STATE by
setting the MCR3 bit low
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com