Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 32Page - National Semiconductor (TI) PC87303 Datasheet HTML 33Page - National Semiconductor (TI) PC87303 Datasheet HTML 34Page - National Semiconductor (TI) PC87303 Datasheet HTML 35Page - National Semiconductor (TI) PC87303 Datasheet HTML 36Page - National Semiconductor (TI) PC87303 Datasheet HTML 37Page - National Semiconductor (TI) PC87303 Datasheet HTML 38Page - National Semiconductor (TI) PC87303 Datasheet HTML 39Page - National Semiconductor (TI) PC87303 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 114 page
background image
40 FDC Command Set Description (Continued)
Command Phase
0
MFM
0
0
1
1
0
1
X
X
XXXHDDR1
DR0
Bytes per Sector
Sectors per Track
Format Gap
Data Pattern
Execution Phase
System transfers four ID bytes (track
head sector bytessector) per sector to the floppy control-
ler via DMA or Non-DMA modes The entire track is format-
ted The data block in the Data Field of each sector is filled
with the data pattern byte
Result Phase
Status Register 0
Status Register 1
Status Register 2
Undefined
Undefined
Undefined
Undefined
To allow for flexible formatting the mP must supply the four
Address Field bytes (track head sector bytes per sector
code) for each sector formatted during the Execution
Phase This allows for non-sequential sector interleaving
This transfer of bytes from the mP to the controller can be
done in the DMA or Non-DMA mode with the FIFO enabled
or disabled
The Format Gap byte in the Command Phase is dependent
on the data rate and type of disk drive and controls the
length of GAP3 Some typical values for the programmable
GAP3 are given in Table 4-1
Figure 4-2 shows the track
format for each of the formats recognized by the format
command Table 4-2 shows some typical values for the For-
mat GAP3 based on media type The Format command ter-
minates when the index hole is detected a second time at
which point an interrupt is generated Only the first three
status bytes in the Result Phase are significant
TABLE 4-1 Typical Format GAP3 Length Values Based on Drive Data Rate
Sector
Sector
EOT
Sector
Format
Mode
Size
Code
(Hex)
Gap
GAP3
(Decimal)
(Hex)
(Hex) (Note 1)
(Hex) (Note 2)
250 kbps
256
01
12
0A
0C
MFM
256
01
10
20
32
512
02
08
2A
50
512
02
09
2A
50
1024
03
04
80
F0
2048
04
02
C8
FF
4096
05
01
C8
FF
500 kbps
256
01
1A
0E
36
MFM
512
02
0F
1B
54
512
02
12
1B
6C
1024
03
08
35
74
2048
04
04
99
FF
4096
05
02
C8
FF
8192
06
01
C8
FF
TABLE 4-2 Typical Format GAP3 Length Values Based on PC Compatible Diskette Media
Media
Sector
Sector
EOT
Sector
Format
Type
Size
Code
Hex
Gap
GAP3
Decimal
Hex
Hex
Hex
360k
512
02
09
2A
50
12M
512
02
0F
1B
54
720k
512
02
09
1B
50
144M
512
02
12
1B
6C
288M (Note 3)
512
02
24
1B
53
Note 1
Sector Gap refers to the Intersector Gap Length parameter specified in the Command Phase of the Read Write Scan and Verify commands Although
this is the recommended value the FDC treats this byte as a don’t care in the Read Write Scan and Verify commands
Note 2
Format Gap is the suggested value to use in the Format Gap parameter of the Format command This is the programmable GAP3 as shown in
Figure 4-1
Note 3
The 288M diskette media is a Barium Ferrite media intended for use in Perpendicular Recording drives at data rates up to 1 Mbps
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com