Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 38Page - National Semiconductor (TI) PC87303 Datasheet HTML 39Page - National Semiconductor (TI) PC87303 Datasheet HTML 40Page - National Semiconductor (TI) PC87303 Datasheet HTML 41Page - National Semiconductor (TI) PC87303 Datasheet HTML 42Page - National Semiconductor (TI) PC87303 Datasheet HTML 43Page - National Semiconductor (TI) PC87303 Datasheet HTML 44Page - National Semiconductor (TI) PC87303 Datasheet HTML 45Page - National Semiconductor (TI) PC87303 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 114 page
background image
40 FDC Command Set Description (Continued)
Having found the Data Field the controller then transfers
data bytes from the disk drive to the host (described in
Section 53 Controller Phases) until the bytes per sector
count has been reached or the host terminates the opera-
tion (through TC end of track or implicitly through overrun)
The controller then generates the CRC for the sector and
compares this value with the CRC at the end of the Data
Field
Having finished reading the sector the controller continues
reading the next logical sector unless one or more of the
following termination conditions occurred
1 The DMA controller asserted TC The IC bits in ST0 are
set to Normal Termination
2 The last sector address (of side 1 if MT was set) was
equal to EOT The EOT bit in ST1 is set The IC bits in
ST0 are set to Abnormal Termination This is the expect-
ed condition during Non-DMA transfers
3 Overrun error The OR bit in ST1 is set The IC bits in ST0
are set to Abnormal Termination If the mP cannot service
a transfer request in time the last correctly read byte is
transferred
4 CRC error The CE bit in ST1 and the CD bit in ST2 are
set The IC bits in ST0 are set to Abnormal Termination
If Multi-Track Selector (MT) was set in the Opcode com-
mand byte and the last sector of side 0 has been trans-
ferred the controller then continues with side 1
Upon terminating the Execution Phase of the Read Data
command the controller asserts IRQ6 indicating the begin-
ning of the Result Phase The mP must then read the result
bytes from the FIFO The values that are read back in the
result bytes are shown in Table 4-10 If an error occurs the
result bytes indicate the sector read when the error oc-
curred
Command Phase
MT
MFM
SK
0
0
1
1
0
IPS
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data Length
Execution Phase
Data read from disk drive is transferred
to system via DMA or Non-DMA modes
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
TABLE 4-9 SK Effect on the Read Data Command
SK
Data Type
Sector Read
CM Bit (ST2)
Description of Results
0
Normal
Y
0
Normal Termination
0
Deleted
Y
1
No Further Sectors Read
1
Normal
Y
0
Normal Termination
1
Deleted
N
1
Sector Skipped
TABLE 4-10 Result Phase Termination Values with No Error
MT
HD
Sector
Last
ID Information at Result Phase
Track
Head
Sector
BytesSector
00
k
EOT
NC
NC
S a 1NC
00
e
EOT
T a 1NC
1
NC
01
k
EOT
NC
NC
S a 1NC
01
e
EOT
T a 1NC
1
NC
10
k
EOT
NC
NC
S a 1NC
10
e
EOT
NC
1
1
NC
11
k
EOT
NC
NC
S a 1NC
11
e
EOT
T a 10
1
NC
EOT e End of Track Sector Number from Command Phase
S e Sector Number last operated on by controller
NC e No Change in Value
T e Track Number programmed in Command Phase
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com