Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 31Page - National Semiconductor (TI) PC87303 Datasheet HTML 32Page - National Semiconductor (TI) PC87303 Datasheet HTML 33Page - National Semiconductor (TI) PC87303 Datasheet HTML 34Page - National Semiconductor (TI) PC87303 Datasheet HTML 35Page - National Semiconductor (TI) PC87303 Datasheet HTML 36Page - National Semiconductor (TI) PC87303 Datasheet HTML 37Page - National Semiconductor (TI) PC87303 Datasheet HTML 38Page - National Semiconductor (TI) PC87303 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 114 page
background image
40 FDC Command Set Description (Continued)
Command Phase
0
0
0
1
0011
0
0
0
0
0000
0
EIS
FIFO
POLL
THRESH
PRETRK
Execution Phase
Internal registers written
Result Phase
None
EIS
Enable Implied Seeks Default after a software reset
0 e Implied seeks disabled through Configure com-
mand Implied seeks can still be enabled through
the Mode command when EIS e 0
1 e
Implied seeks enabled for a read write scan or
verify operation A seek and sense interrupt oper-
ation is performed prior to the execution of the
read write scan or verify operation The IPS bit
does not need to be set
FIFO
Enable FIFO for Execution Phase data transfers De-
fault after a software reset if the LOCK bit is 0 If the
LOCK bit is 1 then the FIFO bit retains its previous
value after a software reset
0 e
FIFO enabled for both reads and writes
1 e FIFO disabled
POLL
Disable for Drive Polling Mode Default after a soft-
ware reset
0 e Enable drive polling mode An interrupt is gener-
ated after a reset
1 e
Disable drive polling mode If the Configure
command is issued within 500 ms of a hardware
or software reset then an interrupt is not gener-
ated In addition the use of the four Sense In-
terrupt commands to clear the ‘‘Ready Changed
State’’ of the four logical drives is not required
THRESH
The FIFO threshold in the Execution Phase of
read and write data transfers
Programmable
from 00h to 0Fh Defaults to 00h after a software
reset if the LOCK bit is 0 If the LOCK bit is 1
THRESH retains its value
A high value of
THRESH is suited for slow response systems
and a low value of THRESH is better for fast re-
sponse systems
PRETRK
Starting track number for write precompensation
Programmable from track 0 (‘‘00’’) to track 255
(‘‘FF’’) Defaults to track 0 (‘‘00’’) after a software
reset if the LOCK bit is 0 If the LOCK bit is 1
then PRETRK retains its value
412 Dumpreg Command
The Dumpreg command is designed to support system run-
time diagnostics application software development and de-
bug This command has a one-byte command phase and a
10-byte result phase The Result Phase returns the values
of parameters set in other commands That is the PTR
(Present Track Register) contains the least significant byte
of the track the microcode has stored for each drive The
Step Rate Time Motor Off and Motor On Times and the
DMA bit are all set in the Specify command
The sixth byte of the result phase varies depending on what
commands have been previously executed If a format com-
mand has previously been issued and no reads or writes
have been issued since then this byte contains the Sectors
per track value If a read or a write command has been
executed more recently than a format command this byte
contains the End of Track value The LOCK bit is set in the
Lock command The eighth result byte also contains the bits
programmed in the Perpendicular Mode command The last
two bytes of the Dumpreg Result Phase are set in the Con-
figure command After a hardware or software reset the
parameters in the result bytes are set to their appropriate
default values
Note
Some of these parameters are unaffected by a software reset de-
pending on the state of the LOCK bit See the Lock Command for
further information
Command Phase
00001110
Execution Phase
Internal registers read
Result Phase
PTR Drive 0
PTR Drive 1
PTR Drive 2
PTR Drive 3
Step Rate Time
Motor Off Time
Motor On Time
DMA
Sector per TrackEnd of Track (Note)
LOCK
0
DC3
DC2
DC1
DC0
GAP
WG
0
EIS
FIFO
POLL
THRESH
PRETRK
Note
Sectors per Track parameter returned if last command issued was
Format End of Track parameter returned if last command issued was
Read or Write
413 Format Track Command
This command formats one track on the disk in IBM ISO or
Perpendicular format After the index hole is detected data
patterns are written on the disk including all gaps Address
Marks Address Fields and Data Fields The exact format is
determined by the following parameters
1 The MFM bit in the Opcode (first command) byte which
determines the format of the Address Marks and the en-
coding scheme
2 The IAF bit in the Mode command which selects be-
tween IBM and ISO format
3 The WGATE and GAP bits in the Perpendicular Mode
command which select between the conventional and
Toshiba Perpendicular format
4 The Bytes per Sector code which determines the sector
size
5 The Sector per Track parameter which determines how
many sectors are formatted on the track
6 The Data Pattern byte which is used as the filler byte in
the Data Field of each sector
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com