Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 37Page - National Semiconductor (TI) PC87303 Datasheet HTML 38Page - National Semiconductor (TI) PC87303 Datasheet HTML 39Page - National Semiconductor (TI) PC87303 Datasheet HTML 40Page - National Semiconductor (TI) PC87303 Datasheet HTML 41Page - National Semiconductor (TI) PC87303 Datasheet HTML 42Page - National Semiconductor (TI) PC87303 Datasheet HTML 43Page - National Semiconductor (TI) PC87303 Datasheet HTML 44Page - National Semiconductor (TI) PC87303 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
40 FDC Command Set Description (Continued)
Looking at the second command byte DC3 – 0 corresponds
to the four logical drives
A 0 written to DCn sets drive n to conventional mode and a
1 sets drive n to perpendicular mode The OW (Overwrite)
bit offers additional control When OW e 1 the values of
DC3 – 0 (drive configuration bits) are changeable When OW
e
0 the internal values of DC3 – 0 are unaffected regard-
less of what is written to DC3 – 0
The function of the DCn bits must also be qualified by set-
ting both WG and GAP to 0 If WG and GAP are used (ie
not set to 00) they override whatever is programmed in the
DCn bits Table 4-7 indicates the operation of the FDC
based on the values of GAP and WG Note that when GAP
and WG are both 0 the DCn bits are used to configure each
logical drive as conventional or perpendicular DC3 – 0 is un-
affected by a software reset but WG and GAP are both
cleared to 0 after a software reset A hardware reset resets
all the bits to zero (conventional mode for all drives) The
Perpendicular Mode command bits may be rewritten at any
time
Note
When in the Perpendicular Mode for any drive at any data rate select-
ed by the DC3–0 bits write precompensation is set to zero
Perpendicular Recording type disk drives have a Pre-Erase
Head which leads the ReadWrite Head by 200 mm which
translates to 38 bytes at the 1 Mbps data transfer rate (19
bytes at 500 kbps) The increased spacing between the two
heads requires a larger GAP2 between the Address Field
and Data Field of a sector at 1 Mbps (See Perpendicular
Format in Table 4-1) This GAP2 length of 41 bytes (at
1 Mbps) ensures that the Preamble in the Data Field is com-
pletely ‘‘pre-erased’’ by the Pre-Erase Head Also during
Write Data operations to a perpendicular drive a portion of
GAP2 must be rewritten by the controller to guarantee that
the Data Field Preamble has been pre-erased (see Table
4-6)
419 Read Data Command
The Read Data command reads logical sectors containing a
Normal Data Address Mark (AM) from the selected drive
and makes the data available to the host mP After the last
Command Phase byte is written the controller simulates the
Motor On time for the selected drive internally The user
must turn on the drive motor directly by enabling the appro-
priate drive and motor select disk interface outputs with the
Digital Output Register (DOR)
If Implied Seeks are enabled the controller performs a Seek
operation to the track number specified in the Command
Phase The controller also issues a Sense Interrupt for the
seek and waits the Head Settle time specified in the Mode
command
The correct ID information (track head sector bytes per
sector) for the desired sector must be specified in the com-
mand bytes See Table 4-8 Sector Size Selection for details
on the bytes per sector code In addition the End of Track
Sector Number (EOT) should be specified allowing the con-
troller to read multiple sectors The Data Length byte is a
don’t care and should be set to FFh
TABLE 4-8 Sector Size Selection
Bytes per
Number of Bytes
Sector Code
in Data Field
0
128
1
256
2
512
3
1024
4
2048
5
4096
6
8192
7
16384
The controller then starts the Data Separator and waits for
the Data Separator to find the next sector Address Field
The controller compares the Address Field ID information
(track head sector bytes per sector) with the desired ID
specified in the Command Phase If the sector ID bytes do
not match then the controller waits for the Data Separator
to find the next sector Address Field The ID comparison
process repeats until the Data Separator finds a sector Ad-
dress Field ID that matches that in the command bytes or
until an error occurs Possible errors are
1 The mP aborted the command by writing to the FIFO If
there is no disk in the drive the controller hangs up The
m
P must then take the controller out of this hung state by
writing a byte to the FIFO This puts the controller into the
Result Phase
2 Two index pulses were detected since the search began
and no valid ID has been found If the track address ID
differs the WT bit or BT bit (if the track address is FFh) is
set in ST2 If the head sector or bytes per sector code
did not match the ND bit is set in ST1 If the Address
Field AM was never found the MA bit is set in ST1
3 The Address Field was found with a CRC error The CE
bit is set in ST1
Once the desired sector Address Field is found the control-
ler waits for the Data Separator to find the subsequent Data
Field for that sector If the Data Field (normal or deleted) is
not found within the expected time the controller terminates
the operation and enters the Result Phase (MD is set in
ST2) If a Deleted Data Mark is found and Skip Flag (SK)
was set in the Opcode command byte the controller skips
this sector and searches for the next sector Address Field
as described above The effect of SK on the Read Data
command is summarized in Table 4-9
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com