Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87303 Datasheet HTML 1Page - National Semiconductor (TI) PC87303 Datasheet HTML 2Page - National Semiconductor (TI) PC87303 Datasheet HTML 3Page - National Semiconductor (TI) PC87303 Datasheet HTML 4Page - National Semiconductor (TI) PC87303 Datasheet HTML 5Page - National Semiconductor (TI) PC87303 Datasheet HTML 6Page - National Semiconductor (TI) PC87303 Datasheet HTML 7Page - National Semiconductor (TI) PC87303 Datasheet HTML 8Page - National Semiconductor (TI) PC87303 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 114 page
background image
General Description (Continued)
The RTC is a low-power design that provides a time-of-day
clock a 100-year calendar several alarm features and 242
bytes of general purpose RAM An external battery is used
to maintain the time and contents of the general purpose
RAM when power is removed from the PC87303 The
PC87303 RTC is compatible with the DS1287 and
MC146818 RTC devices
The PC87303 FDC uses a high performance analog data
separator eliminating need for any external filter compo-
nents The FDC is fully compatible with the PC8477 and
incorporates a superset of DP8473 NEC mPD765 and
N82077 floppy disk controller function All popular 525
and 35 floppy drives including 288 MB 35 floppy drive
are supported Full TDR support for PC-AT and PS2 floppy
drive types is also provided
The two UARTs are fully NS16450 and NS16550 compati-
ble
The parallel port is fully IEEE 1284 level 2 compatible The
SPP (Standard Parallel Port) is fully compatible with ISA
EISA and MicroChannel parallel ports In addition to the
SPP EPP (Enhanced Parallel Port) and ECP (Extended Ca-
pabilities Port) modes are supported by the parallel port
All IDE control signals with DMA support including support
for Type F DMA are provided by the PC87303 Only external
signal buffers are required to implement a complete IDE
interface
A set of fourteen configuration registers are provided to
control various functions of the PC87303 These registers
are accessed using two 8-bit wide index and data registers
The ISA IO address of the register pair can be relocated
using a power-up strapping option
Two general purpose user programmable chip selects are
available These chip selects can be used to decode game
port addresses
Features (Continued)
Y
The Real-Time Clock
DS1287 MC146818 and PC87911 compatible
242 bytes battery backed-up CMOS RAM in two
banks
Selective lock mechanism locks any half of the RTC
RAM
Calendar in days
day of the week
months and
years with automatic leap-year adjustment
Time of day in seconds minutes and hours
12 or 24 hour format
Optional daylight savings adjustment
BCD or binary format for time keeping
Three individually maskable interrupt event flags
Periodic rates from 122 ms to 500 ms
Time-of-day alarm once per second to once per
day
Separate battery pin 24V operation
2 mA power consumption
Double buffer time registers
Y
The UARTs
Software compatible with the PC16550A and
NS16450
Y
Parallel Port
EPP ECP compatible with ECP level 2 support
ISA EISA and MicroChannel compatible architecture
Bi-directional data transfer under software or hard-
ware control
Includes protection circuit to prevent damage to the
parallel port when a connected printer is powered up
or is operated at a higher voltage
Y
IDE
All IDE control signals with DMA and support for
Type F DMA Only external signal buffers are re-
quired to implement the full IDE interface
Y
The Programmable Chip Selects
Separater pins for two user programmable chip se-
lect decoders provide ability to control a game port
Y
The address decoder
Provides selection of all primary and secondary ISA
addresses including COM1 – 4
Y
General
Low power CMOS technology
Ability to stop clocks to all modules
The PC87303 is a drop-in replacement for the
PC87323VUL
Reduced pin leakage current
Special configuration register for power-down
Disable bit for RTC
160-pin PQFP package
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com