Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  PC87303 Datasheet HTML 1Page - National Semiconductor (TI) PC87303 Datasheet HTML 2Page - National Semiconductor (TI) PC87303 Datasheet HTML 3Page - National Semiconductor (TI) PC87303 Datasheet HTML 4Page - National Semiconductor (TI) PC87303 Datasheet HTML 5Page - National Semiconductor (TI) PC87303 Datasheet HTML 6Page - National Semiconductor (TI) PC87303 Datasheet HTML 7Page - National Semiconductor (TI) PC87303 Datasheet HTML 8Page - National Semiconductor (TI) PC87303 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
List of Figures
FIGURE 2-1
PC87303 Configuration Registers
17
FIGURE 2-2
PC87303 Four Floppy Drive Circuit
21
FIGURE 3-1
FDC Functional Block Diagram
27
FIGURE 4-1
FDC Command Structure
34
FIGURE 4-2
IBM Perpendicular and ISO Formats Supported by Format Command
37
FIGURE 5-1
FDC Data Separator Block Diagram
61
FIGURE 5-2
PC87303 Dynamic Window Margin Performance
62
FIGURE 5-3
Read Data AlgorithmState Diagram
63
FIGURE 5-4
Perpendicular Recording Drive RW Head and Pre-Erase Head
63
FIGURE 6-1
PC87303 Composite Serial Data
65
FIGURE 6-2
Receiver FIFO Trigger Level
70
FIGURE 7-1
EPP 17 Address Write
76
FIGURE 7-2
EPP 17 Address Read
76
FIGURE 7-3
EPP Write with ZWS
77
FIGURE 7-4
EPP 19 Address Write
77
FIGURE 7-5
EPP 19 Address Read
78
FIGURE 7-6
ECP Forward Write Cycle
82
FIGURE 7-7
ECP Backward Read Cycle
82
FIGURE 8-1
IDE Interface Signal Equations (Non-DMA)
84
FIGURE 9-1
Keyboard Controller Functional Block Diagram
84
FIGURE 9-2
Keyboard Controller to Host System Interface
86
FIGURE 9-3
Status Register
86
FIGURE 9-4
PSW Register Bits
87
FIGURE 9-5
Keyboard Controller Data Memory Map
87
FIGURE 9-6
Keyboard Controller Stack Organization
87
FIGURE 9-7
Active Pull-Up IO Port Structure
88
FIGURE 9-8
Using Port Pins as Inputs
88
FIGURE 9-9
Timing Generation and Timer Circuit
89
FIGURE 9-10
Internal Clock Connection
90
FIGURE 9-11
External Clock Connection
90
FIGURE 9-12
Instruction Cycle Timing
90
FIGURE 9-13
Oscillator Internal and External Circuitry
92
FIGURE 9-14
InterruptStatus Timing
92
FIGURE 9-15
Typical Battery Configuration
93
FIGURE 9-16
Typical Battery Current During Battery Backed Mode
93
FIGURE 10-1
Clock Timing
99
FIGURE 10-2
Microprocessor Read Timing
101
FIGURE 10-3
Microprocessor Write Timing
101
FIGURE 10-4
Read after Write Operation to All Registers and RAM Timing
101
FIGURE 10-5
Baud Out Timing
102
FIGURE 10-6
Transmitter Timing
102
FIGURE 10-7
Sample Clock Timing
103
FIGURE 10-8
Receiver Timing
103
FIGURE 10-9
FIFO Mode Receiver Timing
103
FIGURE 10-10
Timeout Receiver Timing
104
FIGURE 10-11
MODEM Control Timing
104
FIGURE 10-12a FDC DMA Timing
105
FIGURE 10-12b ECP DMA Timing
106
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com