Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 98 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 98 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 94Page - National Semiconductor (TI) PC87303 Datasheet HTML 95Page - National Semiconductor (TI) PC87303 Datasheet HTML 96Page - National Semiconductor (TI) PC87303 Datasheet HTML 97Page - National Semiconductor (TI) PC87303 Datasheet HTML 98Page - National Semiconductor (TI) PC87303 Datasheet HTML 99Page - National Semiconductor (TI) PC87303 Datasheet HTML 100Page - National Semiconductor (TI) PC87303 Datasheet HTML 101Page - National Semiconductor (TI) PC87303 Datasheet HTML 102Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 114 page
background image
100 Electrical Characteristics (Continued)
1015 Keyboard Controller and Real-Time Clock Pins
0 C–70 C
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Minimum High Level Output Voltage
VIN e VIH or VIL
P10 – P17 P20 – P27 (Note 1)
IOH eb20 mA
24
V
All other push-pull outputs
IOH eb40 mA
24
V
KBCLK KBDAT MCLK MDAT (Note 2)
VOL
Maximum Low Level Output Voltage
VIN e VIH or VIL
P10 – P17 P20 – P27
IOL e 20 mA
04
V
KBDAT KBCLK MCLK MDAT
IOL e 160 mA
04
V
All Other Outputs
IOL e 40 mA
04
V
IIN
Maximum Input Current
VIN e VCC or VSS
Inputs only
10
m
A
A0 – A9 AEN CS IOR IOW
PWRGOOD T0 T1
IOs only
10
m
A
D0–D7
IOs with Resistors
VIN e VCC
10
m
A
P10 – P17 P20 – P27 SYNC
VIN e VIL
400
m
A
IBAT
VBAT Maximum Quiescent Supply Current
VBAT e 30V
VIN e VCC e VSS e 0V
8
m
A
Real-Time Clock
f e 32768 kHz
Input Leakage
VCC e 50V VBAT e 30V
04
m
A
VBAT
Battery Voltage
24
VCC b 05
V
Note 1
IOH is driven for 10 ns on switch from low to high
Note 2
KBCLK KBDAT MCLK and MDAT are open drain outputs with 10k minimum pull-up resistors
102 AC ELECTRICAL CHARACTERISTICS
1021 AC Test Conditions
TA e 0 Cto a70 C VDD e 50V g 10%
LOAD CIRCUIT
(Notes 1 2 3)
TLC12074 – 53
AC TESTING INPUT OUTPUT WAVEFORM
TLC12074 – 54
Note 1
CL e 100 pF includes jig and scope capacitance
Note 2
S1 e Open for push-pull outputs S1 e VDD for high impedance to active low and active low to high impedance measurements S1 e GND for high
impedance to active high and active high to high impedance measurements RL e 10 kX for mP interface pins
Note 3
For the FDC Open Drive Interface Pins S1 e VDD and RL e 150X
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com