Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 102 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 102 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 98Page - National Semiconductor (TI) PC87303 Datasheet HTML 99Page - National Semiconductor (TI) PC87303 Datasheet HTML 100Page - National Semiconductor (TI) PC87303 Datasheet HTML 101Page - National Semiconductor (TI) PC87303 Datasheet HTML 102Page - National Semiconductor (TI) PC87303 Datasheet HTML 103Page - National Semiconductor (TI) PC87303 Datasheet HTML 104Page - National Semiconductor (TI) PC87303 Datasheet HTML 105Page - National Semiconductor (TI) PC87303 Datasheet HTML 106Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 114 page
background image
100 Electrical Characteristics (Continued)
1024 Baud Out Timing
Symbol
Parameter
Conditions
Min
Max
Units
N
Baud Divisor
1
65535
ns
tBHD
Baud Output Positive Edge Delay
CLK e 24 MHz2 100 pF Load
56
ns
tBLD
Baud Output Negative Edge Delay
CLK e 24 MHz2 100 pF Load
56
ns
TLC12074 – 62
FIGURE 10-5 Baud Out Timing
1025 Transmitter Timing
Symbol
Parameter
Min
Max
Units
tHR
Delay from WR (WR THR) to Reset IRQ
40
ns
tIR
Delay from RD (RD IIR) to Reset IRQ (THRE)
55
ns
tIRS
Delay from Initial IRQ Reset to Transmit Start
8
24
Baud Out Cycles
tSI
Delay from Initial Write to IRQ
16
24
Baud Out Cycles
tSTI
Delay from Start Bit to IRQ (THRE)
8
Baud Out Cycles
TLC12074 – 63
Note 1
See Microprocessor Write cycle timing
Figure 10-3
Note 2
See Microprocessor Read cycle timing
Figure 10-2
FIGURE 10-6 Transmitter Timing
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com