Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 67Page - National Semiconductor (TI) PC87303 Datasheet HTML 68Page - National Semiconductor (TI) PC87303 Datasheet HTML 69Page - National Semiconductor (TI) PC87303 Datasheet HTML 70Page - National Semiconductor (TI) PC87303 Datasheet HTML 71Page - National Semiconductor (TI) PC87303 Datasheet HTML 72Page - National Semiconductor (TI) PC87303 Datasheet HTML 73Page - National Semiconductor (TI) PC87303 Datasheet HTML 74Page - National Semiconductor (TI) PC87303 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 114 page
background image
60 Serial Ports (Continued)
Bit 3
This bit enables the interrupt when set No exter-
nal pin is associated with this bit other than IRQ3
4 In Local Loopback Mode this bit controls bit 7
of the MODEM Status Register
Bit 4
This bit provides a Local loopback feature for diag-
nostic testing of the UART When it is set to 1 the
following changes take place the transmitter Seri-
al Output (SOUT) is set to the Marking (1) state
the receiver Serial Input (SIN) is disconnected the
output of the Transmitter Shift Register is ‘‘looped
back’’ (connected) to the Receiver Shift Register
the four MODEM Control inputs (DSR CTS RI
and DCD) are disconnected and the DTR RTS
OUT1 IRQ ENABLE bits in MCR are internally
connected to DSR CTS RI and DCD in MSR re-
spectively The MODEM Control output pins are
forced to their high (inactive) states In the Loop-
back Mode data that is transmitted is immediately
received This feature allows the processor to veri-
fy the transmit-and-received-data paths of the seri-
al port
In the Loopback Mode the receiver and transmit-
ter interrupts are fully operational The MODEM
Status Interrupts are also operational but the in-
terrupts’ sources are the lower four bits of MCR
instead of the four MODEM control inputs Writing
a 1 to any of these 4 MCR bits will cause an inter-
rupt In Loopback Mode the interrupts are still con-
trolled by the Interrupt Enable Register The IRQ3
and IRQ4 pins will be at TRI-STATE in the Loop-
back Mode
Bits 5 – 7
These bits are permanently set to 0
TABLE 6-5 PC87303 Interrupt Control Functions
Interrupt
Interrupt Set and Reset Functions
Identification
Register
Bit 3
Bit 2
Bit 1
Bit 0
Priority
Level
Interrupt Type
Interrupt Source
Interrupt Reset
Control
(FIFO
Mode
Only)
0
0
0
1
None
None
0
1
1
0
Highest
Receiver Line
Overrun Error Parity Error
Reading the Line
Status
Framing Error or Break Interrupt
Status Register
0
1
0
0
Second
Received Data
Receiver Data Available
Read Receiver Buffer
Available
1
1
0
0
Second
Character
No Characters Have Been
Reading the Receiver
(FIFO
Time-Out
Removed from or input to the
Buffer Register
Mode
Indication
RCVR FIFO During the Last 4
Only)
Character Times and there is at
least 1 Character in it during this
Time
0
0
1
0
Third
Transmitter Holding
Transmitter Holding
Reading the IIR Register
Register Empty
Register Empty
(if Source of Interrupt) or
Writing the Transmitter
Holding Register
0
0
0
0
Fourth
MODEM Status
Clear to Send or Data Set
Reading the MODEM
Ready or Ring Indicator or
Status Register
Data Carrier Detect
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com