Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 6Page - National Semiconductor (TI) PC87303 Datasheet HTML 7Page - National Semiconductor (TI) PC87303 Datasheet HTML 8Page - National Semiconductor (TI) PC87303 Datasheet HTML 9Page - National Semiconductor (TI) PC87303 Datasheet HTML 10Page - National Semiconductor (TI) PC87303 Datasheet HTML 11Page - National Semiconductor (TI) PC87303 Datasheet HTML 12Page - National Semiconductor (TI) PC87303 Datasheet HTML 13Page - National Semiconductor (TI) PC87303 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
10 Pin Description
TABLE 1-1 Pin Descriptions (Alphabetical)
Symbol
Pin
IO
Function
A10–A0
46–56
I
Address
These address lines from the microprocessor determine which internal register is
accessed A0 – A10 are don’t cares during an DMA transfer A10 is used only during ECP
operations
ACK
125
I
Acknowledge
This input is pulsed low by a connected printer to indicate that it has received
data from the parallel port This pin has a nominal 25 kX pull-up resistor attached to it (See
DR1 and Table 7-5 for further information)
ADRATE0
16
O
Additional Data Rate 0
When selected this output is identical to DRATE0 It is provided in
addition to DRATE0 It reflects the currently selected FDC data rate (bit 0 in the Configuration
Control Register (CCR) or the Data Rate Select Register (DSR) whichever was written to
last) ADRATE0 is configured when bit 0 of Advanced SuperIO Configuration Register (ASC)
is 1 (See IRQ5 for further information)
AFD
116
IO
Automatic Feed XT
When this signal is low the printer should automatically line feed after
each line is printed This pin is in a TRI-STATE condition 10 ns aftera0is loaded into the
corresponding Control Register bit The system should pull this pin high using a 47 kX
resistor (See DSTRB and Table 7-5 for further information)
AEN
45
I
Address Enable
This input disables function selection via A10 – A0 when it is high Access
during DMA transfer is NOT affected by this pin
ASTRB
119
O
Address Strobe
This signal is used in Enhanced Parallel Port (EPP) mode as an address
strobe It is active low (See SLIN and Table 7-5 for further information)
BADDR01
86 89
I
Base Address
These CMOS inputs are sensed during reset to determine one of four base
addresses from which the Index and Data Registers are offset (see Table 2-2) An internal
pull-down resistor of 30 kX is present on this pin Use a 10 kX resistor to pull this pin to VDD
(See IDELO HCS0 for further information)
BOUT12
110100
O
BAUD Output
This multi-function pin provides the associated serial channel Baud Rate
generator output signal when test mode is selected in the Power and Test Configuration
Register and the DLAB bit (LCR7) is set After a Master Reset this pin provides the Serial
Output (SOUT) function (See SOUT and CFG0 – 4 for further information)
BUSY
124
I
Busy
This pin is set high by a connected printer when it cannot accept another character It
has a nominal 25 kX pull-down resistor attached to it (See WAIT and Table 7-5 for further
information)
CFG0 – 4
100 103
I
Configuration on Power-Up
These CMOS inputs select 1 of 32 default configurations in
which the PC87303 powers-up (see Table 2-1) They are provided with CMOS input buffers
108 110
An internal pull-down resistor of 30 kX is present on each pin Use a 10 kX resistor to pull
111
these pins to VDD
CS
2I
Chip Select
Enables the host to access the keyboard controller through D0 – D7 when bit 7
of Chip Select 0 Configuration Register 1 (CS0CF1) is 0 (See CS0 for further information)
CSOUT
21
O
Chip Select Read Output
This is the data buffer output enable pin It indicates any read from
the PC87303 except for IDE accesses This signal is valid when bit 2 of PTR is 1 CSOUT is
not active during read in PC-AT mode from registers 3F7 and 377 CSOUT is not active when
the read is from a disabled module (See PWDN for further information)
CTS12
109 99
I
Clear to Send
When low this indicates that the MODEM or data set is ready to exchange
data The CTS signal is a MODEM status input whose condition the CPU can test by reading
bit 4 (CTS) of the MODEM Status Register (MSR) for the appropriate serial channel Bit 4 is
the complement of the CTS signal Bit 0 (DCTS) of the MSR indicates whether the CTS input
has changed state since the previous reading of the MSR CTS has no effect on the
transmitter
Note
Whenever the DCTS bit of the MSR is set an interrupt is generated if MODEM Status interrupts are enabled
CS01
2 23
O
Programmable Chip Select
CS01 are programmable chip select andor enable andor
output enable signals that can be used for a game port IO port expander or other add-on
peripheral The decoded address and the assertion conditions are configured via the
PC87303 configuration registers 0Ah – 0Dh When either of these two pins is acting as CS01
output enable the PC87303 assumes the relevant input is 1 (See SYSCLK and CS for further
information)
D7 – D0
33 34 35 36
IO
Data
Bi-directional data lines to the microprocessor D0 is the LSB and D7 is the MSB These
signals all have 24 mA (sink) buffered outputs
37 38 39 42
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com