Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 41Page - National Semiconductor (TI) PC87303 Datasheet HTML 42Page - National Semiconductor (TI) PC87303 Datasheet HTML 43Page - National Semiconductor (TI) PC87303 Datasheet HTML 44Page - National Semiconductor (TI) PC87303 Datasheet HTML 45Page - National Semiconductor (TI) PC87303 Datasheet HTML 46Page - National Semiconductor (TI) PC87303 Datasheet HTML 47Page - National Semiconductor (TI) PC87303 Datasheet HTML 48Page - National Semiconductor (TI) PC87303 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
40 FDC Command Set Description (Continued)
4115 Scan Commands
The Scan commands allow data read from the disk to be
compared against data sent from the mP using ones com-
plement arithmetic sector by sector
There are three Scan commands to choose from
1 Scan Equal checks to see if the scanned value of the
disk data is equal to that of the mP data The scan con-
dition is therefore disk data e mP data
2 Scan Low or Equal checks to see if the scanned val-
ue of the disk data is equal to or less than that of the mP
data The scan condition is therefore disk data s data
3 Scan High or Equal checks to see if the scanned val-
ue of the disk data is equal to or greater than that of the
m
P data The scan condition is therefore disk data t
m
P data
The results of these comparisons are indicated in the Status
Register bits 3 and 2 see Table 4-13 and the structure of
the three commands follows
Each sector is compared starting with the most significant
bytes first and where the next sector is defined as the cur-
rent Sector Number plus the Sector Step Size Reading of
sectors continues until either the scan condition is met the
End of Track (EOT) has been reached or the Terminal
Count (TC) is asserted
If the Wildcard mode is enabled in the Mode command an
FFh from either the disk or the mP is used as a don’t care
byte that will always match equal Read errors on the disk
will have the same error conditions as the Read Data com-
mand
Additionally if the Skip Flag (SK) bit is set sectors with
deleted data marks will be ignored If all sectors read are
skipped the command will terminate with bit 3 of the Status
Register set (mimicking a Scan Equal Hit)
TABLE 4-13 Scan Command Termination Values
Command
Comparison
Condition
Status
Condition
Met
Indicated
Result
D2
D3
Scan Equal Disk Data e
1
0
Yes
Disk Data e
m
P Data
m
P Data
0
1
No
Disk Data i
m
P Data
Scan Low
Disk Data s
1
0
Yes
Disk Data e
or Equal
m
P Data
m
P Data
0
0
Yes
Disk Data k
m
P Data
0
1
No
Disk Data l
m
P Data
Scan High
Disk Data t
1
0
Yes
Disk Data e
or Equal
m
P Data
m
P Data
0
0
Yes
Disk Data l
m
P Data
0
1
No
Disk Data k
m
P Data
SCAN EQUAL
Command Phase
MT
MFM
SK
1
0
0
0
1
IPS
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Sector Step Size
Execution Phase
Data transferred from system to control-
ler is compared to data read from disk
Result Phase
MT
MFM
SK
1
1
1
0
1
IPS
X
X
X
X
HD
DR1
DR0
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
SCAN HIGH OR EQUAL
Command Phase
MT
MFM
SK
1
1
1
0
1
IPS
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Sector Step Size
Execution Phase
Data transferred from system to control-
ler is compared to data read from disk
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com