Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PC87303 Datasheet HTML 1Page - National Semiconductor (TI) PC87303 Datasheet HTML 2Page - National Semiconductor (TI) PC87303 Datasheet HTML 3Page - National Semiconductor (TI) PC87303 Datasheet HTML 4Page - National Semiconductor (TI) PC87303 Datasheet HTML 5Page - National Semiconductor (TI) PC87303 Datasheet HTML 6Page - National Semiconductor (TI) PC87303 Datasheet HTML 7Page - National Semiconductor (TI) PC87303 Datasheet HTML 8Page - National Semiconductor (TI) PC87303 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
Table of Contents (Continued)
60 SERIAL PORTS
65
61 Serial Port Registers
65
62 Line Control Register
65
63 Programmable Baud Rate Generator
68
64 Line Status Register
69
65 FIFO Control Register
70
66 Interrupt Identification Register
70
67 Interrupt Enable Register
70
68 MODEM Control Register
70
69 MODEM Status Register
72
610 Scratchpad Register
72
70 PARALLEL PORT
72
71 Introduction
72
72 Data Register (DTR)
73
73 Status Register (STR)
73
74 Control Register (CTR)
74
75 Enhanced Parallel Port Operation
74
76 Extended Capabilities Parallel Port
79
761 Introduction
79
762 Software Operation
80
77 Register Definitions
80
78 Software Controlled Data Transfer
82
79 Automatic Data Transfer
82
791 Forward Direction
82
792 ECP Forward Write Cycle
82
793 Backward Direction
82
794 ECP Backward Read Cycle
82
710 FIFO Test Access (Mode 110)
83
711 Configuration Registers Access
83
712 Interrupt Generation
83
80 INTEGRATED DEVICE ELECTRONICS
INTERFACE (IDE)
83
81 Introduction
83
82 IDE Signals
83
90 KEYBOARD CONTROLLER AND REAL-TIME
CLOCK
85
91 PC87303 KBC Function
85
911 Host System Interface
86
912 Program Memory
87
913 Data Memory and Registers
87
914 IO Interface
88
915 TimerCounter
89
916 Interrupts
89
917 Oscillator and Instruction Timing
90
92 Real Time Clock Function
91
921 Memory Map
91
922 Bus Interface
91
923 Time Generation
91
924 Time Keeping
92
925 RAM
93
926 Power Management
93
927 System Bus Lock Out
and Power-Up Detection
93
928 Oscillator
93
929 Interrupt Handling
93
9210 Control Registers
94
100 ELECTRICAL CHARACTERISTICS
96
101 DC Electrical Characteristics
96
1011 Microprocessor Parallel Port and IDE
Interface Pins
97
1012 Disk Interface Pins
97
1013 Oscillator Pins
97
1014 Parallel Port Pins
97
1015 Keyboard Controller and Real-Time
Clock Pins
98
102 AC Electrical Characteristics
98
1021 AC Test Conditions
98
1022 Clock Timing
99
1023 Microprocessor Interface Timing
100
1024 Baud Out Timing
102
1025 Transmitter Timing
102
1026 Receiver Timing
103
1027 MODEM Control Timing
104
1028 DMA Timing
105
1029 Reset Timing
107
10210 FDC Write Data Timing
107
10211 FDC Read Data Timing
108
10212 Drive Control Timing
108
10213 IDE Timing
108
10214 Parallel Port Timing
109
10215 Enhanced Parallel Port Timing
110
10216 Extended Capabilities Port Timing
111
10217 RTC
112
10218 Programmable Chip Select Timing
113
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com