Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 12Page - National Semiconductor (TI) PC87303 Datasheet HTML 13Page - National Semiconductor (TI) PC87303 Datasheet HTML 14Page - National Semiconductor (TI) PC87303 Datasheet HTML 15Page - National Semiconductor (TI) PC87303 Datasheet HTML 16Page - National Semiconductor (TI) PC87303 Datasheet HTML 17Page - National Semiconductor (TI) PC87303 Datasheet HTML 18Page - National Semiconductor (TI) PC87303 Datasheet HTML 19Page - National Semiconductor (TI) PC87303 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 114 page
background image
20 Configuration Registers
21 OVERVIEW
Fourteen registers constitute the Base Configuration Regis-
ter set and control the PC87303 setup In general these
registers control the enabling of major functions (FDC
UARTs parallel port pin functionalty etc) the IO address-
es of these functions and whether they power-down via
hardware control or not These registers are the Function
Enable Register (FER)
the Function Address Register
(FAR) the Power and Test Register (PTR) the Function
Control Register (FCR) the Printer Control Register (PCR)
the Keyboard and Real-Time Clock Control Register (KRR)
the Power Management Control Register (PMC) the Tape
UARTs and Parallel Port Register (TUP) the SuperIO Iden-
tification Register (SID) the Advanced SIO Configuration
Register (ASC) the Chip Select 0 Configuraton Register 0
(CS0CF0)
the Chip Select 0 Configuration Register 1
(CS0CF1)
the Chip Select 1 Configuration Register 0
(CS1CF0) and the Chip Select 1 Configuration Register 1
(CS1CF1)
The FER FAR and PTR can be accessed via hardware or
software During reset the PC87303 loads a set of default
values selected by a hardware strapping option into these
three Configuration Registers FCR PCR and KRR can only
be accessed by software
An index and data register pair are used to read and write
these registers Each Configuration Register is pointed to by
the value loaded into the Index Register The data to be
written into the Configuration Register is transferred via the
Data register A Configuration Register is read in a similar
way (ie by pointing to it via the Index Register and then
reading its contents via the Data Register)
Accessing the Configuration Registers in this way requires
only two system IO addresses Since that IO space is
shared by other devices the Index and Data Registers can
still be inadvertantly accessed To reduce the chances of an
inadvertant access a simple procedure (see Section 22)
has been developed
22 SOFTWARE CONFIGURATION
If the system requires access to the Configuration Registers
after reset the following procedure must be used to change
data in the registers
1 Determine the PC87303 Index Register’s default location
Check the four possible locations (see Table 2-1) by
reading them twice The first byte is the ID byte 88h The
second byte read is always 00h but read after write al-
ways brings the value of the written byte Compare the
data read with the ID byte and then 00h A match occurs
at the correct location Note that the ID byte is only is-
sued from the Index Register during the first read after a
reset Subsequent reads return the value loaded into the
Index Register Bits 5 – 6 are reserved and always read 0
2 Load the Configuration Registers
A Disable CPU interrupts
B Write the index of the Configuration Register (00h –
0Dh) to the Index Register one time
C Write the correct data for the Configuration Register in
two consecutive write accesses to the Data Register
D Enable CPU interrupts
3 Load the Configuration Registers (read-modify-write)
A Disable CPU interrupts
B Write the index of the Configuration Register (00h –
0Dh) to the Index Register one time
C Read the configuration data in that register via the
Data Register
D Modify the configuration data
E Write the changed data for the Configuration Register
in two consecutive writes to the Data Register The
register updates on the second consecutive write
F Enable CPU interrupts
A single read access to the Index and Data Registers can
be done at any time without disabling CPU interrupts When
the Index Register is read the last value loaded into the
Index Register is returned When the Data Register is read
the Configuration Register data pointed to by the Index Reg-
ister is returned
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com