Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 59Page - National Semiconductor (TI) PC87303 Datasheet HTML 60Page - National Semiconductor (TI) PC87303 Datasheet HTML 61Page - National Semiconductor (TI) PC87303 Datasheet HTML 62Page - National Semiconductor (TI) PC87303 Datasheet HTML 63Page - National Semiconductor (TI) PC87303 Datasheet HTML 64Page - National Semiconductor (TI) PC87303 Datasheet HTML 65Page - National Semiconductor (TI) PC87303 Datasheet HTML 66Page - National Semiconductor (TI) PC87303 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 114 page
background image
50 FDC Functional Description (Continued)
The 288M drive has unique format and write data timing
requirements due to its readwrite head and pre-erase head
design (see
Figure 5-4 ) Unlike conventional disk drives
which have only a readwrite head the 288M drive has
both a pre-erase head and readwrite head With conven-
tional disk drives the readwrite head by itself is able to
rewrite the disk without problems For 288M drives a pre-
erase head is needed to erase the magnetic flux on the disk
surface before the readwrite can write to the disk surface
The pre-erase head is activated during disk write operations
only ie Format and Write Data commands
In 288M drives the pre-erase head leads the readwrite
head by 200 mm which translates to 38 bytes at 1 Mbps
(19 bytes at 500 kbps) For both conventional and perpen-
dicular drives WGATE is asserted with respect to the posi-
tion of the readwrite head With conventional drives this
means that WGATE is asserted when the readwrite head is
located at the beginning of the Data Field preamble With the
288M drives since the preamble must be pre-erased be-
fore it is rewritten WGATE should be asserted when the
pre-erase head is located at the beginning of the Data Field
preamble This means that WGATE should be asserted
when the readwrite head is at least 38 bytes (at 1 Mbps)
before the preamble See Table 4-5 for a description of the
WGATE timing for perpendicular drives at the various data
rates
Because of the 38 byte spacing between the readwrite
head and the pre-erase head at 1 Mbps the GAP2 length of
22 bytes used in the standard IBM disk format is not long
enough There is a new format standard for 288M drives at
1 Mbps called the Perpendicular Format which increases
the GAP2 length to 41 bytes (see
Figure 4-1 ) The Perpen-
dicular Mode command will put the floppy controller into
perpendicular recording mode which allows it to read and
write perpendicular media Once this command is invoked
the read write and format commands can be executed in
the normal manner The perpendicular mode of the floppy
controller will work at all data rates adjusting the format and
write data parameters accordingly See Section 426 for
more details
TLC12074 – 25
FIGURE 5-3 Read Data AlgorithmState Diagram
TLC12074 – 26
FIGURE 5-4 Perpendicular Recording Drive RW Head and Pre-Erase Head
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com