Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 19Page - National Semiconductor (TI) PC87303 Datasheet HTML 20Page - National Semiconductor (TI) PC87303 Datasheet HTML 21Page - National Semiconductor (TI) PC87303 Datasheet HTML 22Page - National Semiconductor (TI) PC87303 Datasheet HTML 23Page - National Semiconductor (TI) PC87303 Datasheet HTML 24Page - National Semiconductor (TI) PC87303 Datasheet HTML 25Page - National Semiconductor (TI) PC87303 Datasheet HTML 26Page - National Semiconductor (TI) PC87303 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 114 page
background image
20 Configuration Registers (Continued)
Bit 3
Setting this bit associates the parallel port with IRQ7
when the address for the parallel port is 378 – 37Fh
(LPTB) This bit is a ‘‘don’t care’’ when the parallel
port address is 3BC – 3BEh (LPTA) or 278 – 27Fh
(LPTC)
Bit 4
Setting this bit puts UART1 into a test mode which
causes its Baud Out clock to be present on its SOUT1
pin if the Line Control Register bit 7 is set to 1
Bit 5
Setting this bit puts UART2 into a test mode which
causes its Baud Out clock to be present on its SOUT2
pin if the Line Control Register bit 7 is set to 1
Bit 6
Setting this bit to a 1 prevents all further write access-
es to the Configuration Registers Once it is set by
software it can only be cleared by a hardware reset
After the initial hardware reset it is 0
Bit 7
When not in EPP or ECP modes this bit controls
CompatibleExtended mode thus controlling Pulse
Level interrupt
Set this bit to 0 for Compatible mode Pulse Interrupt
Set this bit to 1 for Extended mode Level Interrupt
Note
Parallel port interrupt (PulseLevel) in EPP and ECP modes is
always pulse
In EPP mode this bit selects RegularAutomatic bi-di-
rectional mode thus selecting the direction control
method
Set this bit to 0 for Automatic mode Host RD and WR
signals control the direction
Set this bit to 1 for Regular mode bit 5 of CTR con-
trols the direction
After hardware reset this bit is 0
254 Function Control Register (FCR Index e 03h)
This register determines several pin options
It selects between Data Rate output and automatic media
sense inputs and between IDENT or IDEACK inputs for
DMA control of IDE
For Enhanced Parallel Port it enables the ZWS option
On reset the FCR 2 – 7 bits are cleared to 0
Bit 0
Media SenseData Rate select bit When this bit is
0 the MSEN0 – 1 pins are Media Sense inputs
When this bit is 1 the DRATE0-1 pins are Data
Rate outputs VLD0 pin is sampled during reset to
this bit When ths bit is 0 bits 5 – 7 of TDR are valid
When this bit is 1 bits 2 – 7 of TDR are TRI-STATE
during read When bit 2 of ASC Register is 1 TDR is
not controlled by this bit
Bit 1
IDENTIDEACK select bit When this bit is 0 the
IDENT pin is used and the IDE DMA is disabled
When this bit is 1 the IDE DMA is enabled and the
IDENT input is assumed to be 1
Bit 2
Reserved
Bit 3
Parallel Port Floating Control bit
When this bit is 0 there is no software uncondition-
al float control This bit does not affect the parallel
port pins
When this bit is 1 the parallel port outputs are in
TRI-STATE and their pull-ups are disconnected
Bit 4
Logical Drive Exchange bit This bit allows software
to exchange the physical floppy-disk control sig-
nals assigned to drives 0 and 1 thus exchanging
the logical drives A and B
This is accomplished by exchanging control of the
DR0 and MTR0 pins with the DR1 and MTR1 pins
The result is undefined if this bit is set while bit 4 of
FER is 1 Table 2-9 shows the associations be-
tween the Configuration Register bit the Digital
Output Register bits (DRVSEL01 and MTR01) and
the drive and motor control pins (DR01 and
MTR01) When bit 2 of ASC Register is 1 the logi-
cal drive exchange function is controlled by bits 2
and 3 of TDR
TABLE 2-9 Logical Drive Exchange
FCR
Digital Output Register (FDC)
Asserted
Bit 4
MTR1
MTR0
DRVSEL1
DRVSEL0
FDC Pins
00
1
0
0
DR0
MTR0
01
0
0
1
DR1
MTR1
10
1
0
0
DR1
MTR1
11
0
0
1
DR0
MTR0
Bit 5
Zero Wait State enable bit If this bit is 1 ZWS is
driven low when the Enhanced Parallel Port
(EPP) or the ECP can accept a short host read
write-cycle otherwise the ZWS open drain output
is not driven EPP ZWS operation should be con-
figured when the system’s device is fast enough
to support it
Bits 6 7
Reserved Use Read Modified Write to change the
FCR register
255 Printer Control Register (PCR Index e 04h)
This register enables the EPP and ECP version modes and
interrupt options It also enables the RTC RAM write mask
bit On reset the PCR bits are cleared to 0
The parallel port mode is software configurable as follows
TABLE 2-10 Parallel Port Mode
Operation
FER
PTR
PCR
PCR
Mode
Bit 0
Bit 7
Bit 0
Bit 2
None
0
X
X
X
Compatible
1000
Extended
1100
EPP
1
X
1
0
ECP
1
X
0
1
Bit 0
EPP enable bit When this bit is 0 the EPP is dis-
abled and the EPP registers are not accessible
(access ignored)
When this bit is 1 and bit 2 of PCR is 0 the EPP is
enabled Note that the EPP should not be config-
ured with base address 3BCh
For further information refer to bit 5 of FCR
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com