Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 24Page - National Semiconductor (TI) PC87303 Datasheet HTML 25Page - National Semiconductor (TI) PC87303 Datasheet HTML 26Page - National Semiconductor (TI) PC87303 Datasheet HTML 27Page - National Semiconductor (TI) PC87303 Datasheet HTML 28Page - National Semiconductor (TI) PC87303 Datasheet HTML 29Page - National Semiconductor (TI) PC87303 Datasheet HTML 30Page - National Semiconductor (TI) PC87303 Datasheet HTML 31Page - National Semiconductor (TI) PC87303 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
30 FDC Register Description (Continued)
The FDC has internal 24 mA data bus buffers which allow
direct connection to the system bus The internal 40 mA
totem-pole disk interface buffers are compatible with both
CMOS drive inputs and 150X resistor terminated disk drive
inputs
31 FDC CONTROL REGISTERS
The following FDC registers are mapped into the addresses
shown in Table 3-1 and described in the following sections
The base address range is provided by the on-chip address
decoder pin For PC-AT or PS2 applications the diskette
controller primary address range is 3F0 to 3F7h and the
secondary address range is 370 to 377h The FDC supports
three different register modes the PC-AT mode PS2
mode (Micro Channel systems) and the Model 30 mode
(Model 30) See Section 52 for more details on how each
register mode is enabled When applicable the register defi-
nition for each mode of operation is given If no special
notes are made then the register is valid for all three regis-
ter modes
TABLE 3-1 Register Description and Addresses
A2
A1 A0
IDENT
RW
Register
0
0
0
0
R
Status Register A
SRA
0
0
1
0
R
Status Register B
SRB
0
1
0
X
RW Digital Output Register
DOR
0
1
1
X
RW Tape Drive Register
TDR
1
0
0
X
R
Main Status Register
MSR
1
0
0
X
W
Data Rate Select Register
DSR
1
0
1
X
RW Data Register (FIFO)
FIFO
1
1
0
X
X
None (Bus TRI-STATE)
1
1
1
X
R
Digital Input Register
DIR
1
1
1
X
W
Configuration Control Register
CCR
Note
SRA and SRB are enabled by IDENT e 0 during a chip reset only
311 Status Register A (SRA)
Read Only
This is a read-only diagnostic register that is part of the
PS2 floppy controller register set and is enabled when in
the PS2 or Model 30 mode This register monitors the state
of the IRQ6 pin and some of the disk interface signals The
SRA can be read at any time when in PS2 mode In the
PC-AT mode D7 – D0 are TRI-STATE during a mP read
SRAPS2 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
IRQ6
DRV2
STEP
TRK0
HDSEL
INDX
WP
DIR
PEND
RESET
0
NA
0
NA
0
NA
NA
0
COND
D7
Interrupt Pending
This active high bit reflects the
state of the IRQ6 pin
D6
2nd Drive Installed
Active low status of the
DRV2 disk interface input indicating if a second
drive has been installed
D5
Step
Active high status of the STEP disk interface
output
D4
Track 0
Active low status of the TRK0 disk inter-
face input
D3
Head Select
Active high status of the HDSEL disk
interface output
D2
Index
Active low status of the INDEX disk interface
input
D1
Write Protect
Active low status of the WP disk in-
terface input
D0
Direction
Active high status of the DIR disk inter-
face output
SRAModel 30 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
IRQ6
FDRQ
STEP
TRK0
HDSEL
INDX
WP
DIR
PEND
RESET
0
0
0
NA
1
NA
NA
1
COND
D7
Interrupt Pending
This active high bit reflects that
state of the IRQ6 pin
D6
DMA Request
Active high status of the FDRQ sig-
nal
D5
Step
Active high status of the latched STEP disk
interface output This bit is latched with the STEP
output goes active and is cleared with a read from
the DIR or with a hardware or software reset
D4
Track 0
Active high status of TRK0 disk interface
input
D3
Head Select
Active low status of the HDSEL disk
interface output
D2
Index
Active high status of the INDEX disk inter-
face input
D1
Write Protect
Active high status of the WP disk
interface input
D0
Direction
Active low status of the DIR disk inter-
face output
312 Status Register B (SRB)
Read Only
This read-only diagnostic register is part of the PS2 floppy
controller register set and is enabled when in the PS2 or
Model 30 mode The SRB can be read at any time when in
PS2 mode In the PC-AT mode D7 – D0 are TRI-STATE
during a mP read
SRBPS2 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
1
1
DR0
WDATA
RDATA
WGATE
MTR1
MTR0
RESET
NA
NA
0
0
0
0
0
0
COND
D7
Reserved
Always 1
D6
Reserved
Always 1
D5
Drive Select 0
Reflects the status of the Drive Se-
lect 0 bit in the DOR (address 2 bit 0) It is cleared
after a hardware reset not a software reset
D4
Write Data
Every inactive edge transition of the
WDATA disk interface output causes this bit to
change states
D3
Read Data
Every inactive edge transition of the
RDATA disk interface output causes this bit to
change states
D2
Write Gate
Active high status of the WGATE disk
interface output
D1
Motor Enable 1
Active high status of the MTR1
disk interface output Low after a hardware reset
unaffected by a software reset
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com