Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 68Page - National Semiconductor (TI) PC87303 Datasheet HTML 69Page - National Semiconductor (TI) PC87303 Datasheet HTML 70Page - National Semiconductor (TI) PC87303 Datasheet HTML 71Page - National Semiconductor (TI) PC87303 Datasheet HTML 72Page - National Semiconductor (TI) PC87303 Datasheet HTML 73Page - National Semiconductor (TI) PC87303 Datasheet HTML 74Page - National Semiconductor (TI) PC87303 Datasheet HTML 75Page - National Semiconductor (TI) PC87303 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 114 page
background image
60 Serial Ports (Continued)
69 MODEM STATUS REGISTER (MSR)
This register provides the current state of the control lines
from the MODEM (or peripheral device) to the CPU In addi-
tion to this current-state information
four bits of the
MODEM Status Register provide change information These
bits are set to a logic 1 whenever a control input from the
MODEM changes state They are reset to logic 0 whenever
the CPU reads the MODEM Status Register Table 6-2
shows the contents of the MSR Details on each bit follow
Bit 0
This bit is the Delta Clear to Send (DCTS) indicator
Bit 0 indicates that the CTS input to the chip has
changed state since the last time it was read by the
CPU
Bit 1
This bit is the Delta Data Set Ready (DDSR) indica-
tor It indicates that the DSR input to the chip has
changed state since the last time it was read by the
CPU
Bit 2
This bit is the Trailing Edge of Ring Indicator (TERI)
detector It indicates that the RI input to the chip has
changed from a low to a high state
Bit 3
This bit is the Delta Data Carrier Detect (DDCD) in-
dicator It indicates that the DCD input to the chip
has changed state
Note
Whenever bit 0 1 2 or 3 is set to logic 1 a MODEM Status
Interrupt is generated
Bit 4
This bit is the complement of the Clear to Send
(CTS) input If bit 4 (loopback) of the MCR is set to a
1 this bit is equivalent to RTS in the MCR
Bit 5
This bit is the complement of the Data Set Ready
(DSR) input If bit 4 of the MCR is set to a 1 this bit
is equivalent to DTR in the MCR
Bit 6
This bit is the complement of the Ring Indicator (RI)
input If bit 4 of the MCR is set to a 1 this bit is
equivalent to OUT1 in the MCR
Bit 7
This bit is the complement of the Data Carrier De-
tect (DCD) input If bit 4 of the MCR is set to a 1 this
bit is equivalent to IRQ ENABLE in the MCR
610 SCRATCHPAD REGISTER (SCR)
This 8-bit ReadWrite Register does not control the UART
in any way It is intended as a scratchpad register to be used
by the programmer to hold data temporarily
70 Parallel Port
71 INTRODUCTION
This parallel interface is designed to provide all of the sig-
nals and registers needed to communicate through a stan-
dard parallel printer port as found in the IBM PC-XT PC-AT
PS2 and Centronics systems This parallel port supports
three standard modes of operation SPP EPP ECP The
Standard Parallel Port (SPP) is a software based protocol
with performance of up to 150 kbps
The Enhanced Parallel Port (EPP) is a hardware protocol
which offers up to 2 Mbps
The Extended Capabilities Port (ECP) is also a hardware
protocol with up to 2 Mbps transfer rate In addition the
ECP has FIFO’s for receive and transmit and DMA support
to reduce the CPU overhead The ECP mode 0 is in fact
compatible with the SPP mode The ECP specification de-
fines the ACDC parameters of the signals to allow fast
communication without termination problems
All the above standards are incorporated into the 1284 IEEE
specifications
The address decoding of the registers utilizing A0 and A1 is
shown in Table 7-1 Table 7-3 shows the Reset states of
Parallel port registers and pin signals These registers are
shown in Section 72 to Section 74
TABLE 7-1 Parallel Interface
Register Addresses
A1
A0
Address
Register
Access
0
0
0
Data
ReadWrite
0
1
1
Status
Read
1
0
2
Control
ReadWrite
1
1
3
TRI-STATE
Special circuitry provides protection against damage that
might be caused when the printer is powered but the
PC87303 is not
There are two Standard Parallel Port (SPP) modes of opera-
tion (Compatible and Extended see Table 7-2) two En-
hanced Parallel Port (EPP) modes of operation and one Ex-
tended Capabilities Port (ECP) mode to complete a full IEEE
1284 parallel port
TABLE 7-2 Standard Parallel Port
Modes Selection
Port Function
PTR7
Compatible
0
Extended
1
In Compatible mode a write operation causes the data to be
presented on pins PD0 – PD7 A read operation in this mode
causes the Data Register to present the last data written to
it by the CPU See Table 7-3
In the Extended Mode a write operation to the data register
causes the data to be latched If the Data Port Direction bit
(CTR5) is 0 the latched data is presented to the pins if it is
1 the data is only latched When Data Port Direction bit
(CTR5) is 0 a read operation from this register allows the
CPU to read the last data it wrote to the port In the Extend-
ed Mode with the Data Port Direction bit set to 1 (read) a
read from this register causes the port to present the data
on pins PD0 – PD7
TABLE 7-3 SPP Data Register Read and Write Modes
PTR7
CTR5
RD
WR
Result
0
X
1
0
Data Written to PD0 – 7
0
X
0
1
Data Read from the Output
Latch
1
0
1
0
Data Written to PD0 – 7
1
1
1
0
Data Written is Latched
1
0
0
1
Data Read from the Output
Latch
1
1
0
1
Data Read from PD0 – 7
To support a high transfer rate the IO buffers of the paral-
lel port signals require improved impedance matching IEEE
P1284 defines two types of IO buffers Level 1 (standard
IO buffersopen-drain with weak pull-up) and Level 2
(new IO bufferspush-pull with driver impedance and slew
rate according to new standards)
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com