Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 30Page - National Semiconductor (TI) PC87303 Datasheet HTML 31Page - National Semiconductor (TI) PC87303 Datasheet HTML 32Page - National Semiconductor (TI) PC87303 Datasheet HTML 33Page - National Semiconductor (TI) PC87303 Datasheet HTML 34Page - National Semiconductor (TI) PC87303 Datasheet HTML 35Page - National Semiconductor (TI) PC87303 Datasheet HTML 36Page - National Semiconductor (TI) PC87303 Datasheet HTML 37Page - National Semiconductor (TI) PC87303 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
30 FDC Register Description (Continued)
D5
CRC Error
If this bit is set and bit 5 of ST2 is clear
then there was a CRC error in the Address Field of
the correct sector If bit 5 of ST2 is also set then
there was a CRC error in the Data Field
D4
Overrun
Controller was not serviced by the mP
soon enough during a data transfer in the Execution
Phase For read operations indicates a data over-
run For write operations indicates a data underrun
D3
Not Used Always 0
D2
No Data
Three possible problems
1 Controller cannot find the sector specified in the
Command Phase during the execution of a Read
Write Scan or Verify command An address
mark was found however so it is not a blank disk
2 Controller cannot read any Address Fields with-
out a CRC error during a Read ID command
3 Controller cannot find starting sector during exe-
cution of Read A Track command
D1
Not Writable
Write Protect pin is active when a
Write or Format command is issued
D0
Missing Address Mark
If bit 0 of ST2 is clear then
the controller cannot detect any Address Field Ad-
dress Mark after two disk revolutions If bit 0 of ST2
is set then the controller cannot detect the Data
Field Address Mark after finding the correct Ad-
dress Field
323 Status Register 2 (ST2)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
CM
CD
WT
SEH
SNS
BT
MD
RESET
0
000
0
0
0
0
COND
D7
Not Used Always 0
D6
Control Mark
Controller tried to read a sector
which contained a deleted data address mark dur-
ing execution of Read Data or Scan commands Or
if a Read Deleted Data command was executed a
regular address mark was detected
D5
CRC Error in Data Field
Controller detected a
CRC error in the Data Field Bit 5 of ST1 is also set
D4
Wrong Track
Only set if desired sector is not
found and the track number recorded on any sector
of the current track is different from the track ad-
dress specified in the Command Phase
D3
Scan Equal Hit
‘‘Equal’’ condition satisfied during
any Scan command
D2
Scan Not Satisfied
Controller cannot find a sector
on the track which meets the desired condition dur-
ing any Scan command
D1
Bad Track
Only set if the desired sector is not
found the track number recorded on any sector on
the track is FF (hex) indicating a hard error in IBM
format and is different from the track address spec-
ified in the Command Phase
D0
Missing Address Mark in Data Field
Controller
cannot find the Data Field AM during a Read Scan
or Verify command Bit 0 of ST1 is also set
324 Status Register 3 (ST3)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
WP
1
TK0
1
HDS
DS1
DS0
RESET
0
0
101
0
0
0
COND
D7
Not Used Always 0
D6
Write Protect
Indicates active high status of the
WP pin
D5
Not Used Always 1
D4
Track 0
Indicates active high status of the TRK0
pin
D3
Not Used Always 1
D2
Head Select
Indicates the active high status of the
HD bit in the Command Phase
D1 – D0 Drive Select 10
These two binary encoded bits
indicate the DS1 – DS0 bits in the Command Phase
40 FDC Command Set Description
This section presents the FDC command setfull descrip-
tion in Section 41 and a working summary in Section 42
Each command contains a unique first command byte the
opcode byte which tells the controller how many (0 or
more) command bytes to expect The information for each
command is displayed using the structure shown in
Figure
4-1
If an invalid command byte is issued to the controller it
immediately enters the Result Phase and the status is 80h
signifying an Invalid Command
IO Operation
Opcode
Command Byte 1
Command Byte 2
Command Byte n
FIGURE 4-1 FDC Command Structure
41 COMMAND DESCRIPTIONS
411 Configure Command
The Configure Command controls some operation modes of
the controller It should be issued during the initialization of
the FDC after power-up These bits are set to their default
values after a hardware reset The value of each bit after a
software reset is explained The default value of each bit is
denoted by a ‘‘bullet’’ to the left of each item
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com