Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87303 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87303
Description  PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87303 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button PC87303 Datasheet HTML 63Page - National Semiconductor (TI) PC87303 Datasheet HTML 64Page - National Semiconductor (TI) PC87303 Datasheet HTML 65Page - National Semiconductor (TI) PC87303 Datasheet HTML 66Page - National Semiconductor (TI) PC87303 Datasheet HTML 67Page - National Semiconductor (TI) PC87303 Datasheet HTML 68Page - National Semiconductor (TI) PC87303 Datasheet HTML 69Page - National Semiconductor (TI) PC87303 Datasheet HTML 70Page - National Semiconductor (TI) PC87303 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 114 page
background image
60 Serial Ports (Continued)
TABLE 6-2 PC87303 Register Summary for an Individual UART Channel
Register Address
No
Bit
A0–2e0
A0–2e0
A0–2e1
22
3
4
5
6
7
A0–2e0
A0–2e1
DLABe0
DLABe0
DLABe0
DLABe1
DLABe1
Receiver
Transmitter
Interrupt
Register
Enable
Interrupt
FIFO
Register
Control
Line
Register
MODEM
Control
Register
Status
Line
Register
MODEM
Status
Register
Scratch
Pad
Divisor
Latch
(LSB)
Divisor
(MSB)
Latch
Buffer
Holding
Ident
Control
Register
Register
Register
Register
(Read
(Write
(Read
(Write
Only)
Only)
Only)
Only)
RBR
THR
IER
IIR
FCR
LCR
MCR
LSR
MSR
SCR
DLL
DLM
0
Data Bit 0
Data Bit 0
Enable
‘‘0’’ if
FIFO
Word
Data
Data
Delta
Bit 0
Bit 0
Bit 8
(Note 1)
Received
Interrupt
Enable
Length
Terminal
Ready
Clear
Data
Pending
Select
Ready
(DR)
to Send
Available
Bit 0
(DTR)
Interrupt
1
Data Bit 1
Data Bit 1
Enable
Interrupt
RCVR
Word
Request
Overrun
Delta
Bit 1
Bit 1
Bit 9
Transmitter
ID
FIFO
Length
to Send
Error
Data
Holding
Bit
Reset
Select
(RTS)
(OE)
Set
Register
Bit 1
Ready
Empty
Interrupt
2
Data Bit 2
Data Bit 2
Enable
Interrupt
XMIT
Number of
Out 1
Parity
Trailing
Bit 2
Bit 2
Bit 10
Receiver
ID
FIFO
Stop Bits
Bit
Error
Edge Ring
Line Status
Bit
Reset
(Note 3)
(PE)
Indicator
Interrupt
3
Data Bit 3
Data Bit 3
Enable
Interrupt
Reserved
Parity
IRQ
Framing
Delta
Bit 3
Bit 3
Bit 11
MODEM
ID
Enable
Enable
Error
Data
Status
Bit
(FE)
Carrier
Interrupt
(Note 2)
Detect
4
Data Bit 4
Data Bit 4
0
0
Reserved
Even Parity
Loop
Break
Clear to
Bit 4
Bit 4
Bit 12
Select
Interrupt
Send
(BI)
5
Data Bit 5
Data Bit 5
0
0
Reserved
Stick
0
Transmitter
Data
Bit 5
Bit 5
Bit 13
Parity
Holding
Set
Register
Ready
(THRE)
6
Data Bit 6
Data Bit 6
0
FIFOs
RCVR
Set
0
Transmitter
Ring
Bit 6
Bit 6
Bit 14
Enabled
Trigger
Break
Empty
Indicator
(Note 2)
(LSB)
(TEMT)
7
Data Bit 7
Data Bit 7
0
FIFOs
RCVR
Divisor
0
Error in
Data
Bit 7
Bit 7
Bit 15
Enabled
Trigger
Latch
RCVR
Carrier
(Note 2)
(MSB)
Access Bit
FIFO
Detect
(DLAB)
(Note 2)
Note 1
Bit 0 is the least significant bit It is the first bit serially transmitted or received
Note 2
These bits are always 0 in the NS16450 Mode
Note 3
This bit no longer has a pin associated with it
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com