Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 27Page - National Semiconductor (TI) PC87338 Datasheet HTML 28Page - National Semiconductor (TI) PC87338 Datasheet HTML 29Page - National Semiconductor (TI) PC87338 Datasheet HTML 30Page - National Semiconductor (TI) PC87338 Datasheet HTML 31Page - National Semiconductor (TI) PC87338 Datasheet HTML 32Page - National Semiconductor (TI) PC87338 Datasheet HTML 33Page - National Semiconductor (TI) PC87338 Datasheet HTML 34Page - National Semiconductor (TI) PC87338 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 221 page
background image
31
www.national.com
RTS1
RTS2
74
66
72
64
O
Group 7
Requests to Send 1 and 2. When low, this output signal indicates
to the modem or data transfer device that the appropriate UART is
ready to exchange data.
The RTS signal can be set to active low by programming bit 1
(RTS) of the Modem Control Register (MCR) to a high level. A
Master Reset operation sets this signal to its inactive (high) state.
Loop mode operation holds this signal to its inactive state.
RTS1 is multiplexed with BADDR0.
RTS2 is multiplexed with A14.
SIN1
SIN2
75
67
73
65
I
Group 1
Serial Input data 1 and 2. These UART input signals receive
composite serial data from the communications link (peripheral
device, modem, or data transfer device).
SIN2 is multiplexed with IRRX1.
SIRQI1
SIRQI2
SIRQI3
60
51
49
58
49
47
I
Group 1
System IRQ Input signals 1, 2 and 3. These input signals can be
routed to one of the following output pins: IRQ7-3 or IRQ12-9.
SIRQI2 and SIRQI3 can also be routed to IRQ15. Software
configuration determines to which output pin the input signal is
routed.
SIRQI1 is multiplexed with IRQ15 and DRQ3.
SIRQI2 is multiplexed with DRATE1, MSEN1, CS0 and DACK3.
SIRQI3 is multiplexed with DRV2, PNF, DR23 and IRSL2.
SLCT
82
80
I
Group 2
Select. This parallel port input signal is set high by the printer when
it is selected.
This pin is grounded by an internal nominal 25 K
Ω pull-down
resistor.
SLCT is multiplexed with WGATE.
SLIN
81
79
I/O
Group 11
Select Input. When this parallel port signal is low, it selects the
external printer. This signal enters TRI-STATE within 10 nsec after
a 0 is loaded into the corresponding Control Register bit.
An external 4.7 K
Ω pull-up resistor to V
CC must be connected to
this pin.
SLIN is multiplexed with ASTRB, STEP. See Table 72 for more
information.
SOUT1
SOUT2
73
65
71
63
O
Group 7
Serial Output signals 1 and 2 These UART output signals send
composite serial data to the communications link (peripheral device,
modem, or data transfer device). The SOUT signal is set to a
marking state (logic 1) after a Master Reset operation.
SOUT1 is multiplexed with BADDR1 (and BOUT1 in PC87338).
SOUT2 is multiplexed with IRTX, CFG0 (and BOUT2 in PC87338).
STB
95
93
I/O
Group 11
Strobe. This output signal indicates to the printer that valid data is
available at the parallel port. This pin enters TRI-STATE within 10
nsec after a 0 is loaded into the corresponding Control Register bit.
An external 4.7 K
Ω pull-up resistor to V
CC must be connected to
this pin.
STB is multiplexed with WRITE. See Table 72 for more information.
STEP
(Normal
Mode)
40
38
O
Group 10
Step. This FDC output signal issues pulses to the disk drive at a
software programmable rate to move the head during a seek
operation.
Symbol
PQFP
Pin
TQFP
Pin
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com