Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 72Page - National Semiconductor (TI) PC87338 Datasheet HTML 73Page - National Semiconductor (TI) PC87338 Datasheet HTML 74Page - National Semiconductor (TI) PC87338 Datasheet HTML 75Page - National Semiconductor (TI) PC87338 Datasheet HTML 76Page - National Semiconductor (TI) PC87338 Datasheet HTML 77Page - National Semiconductor (TI) PC87338 Datasheet HTML 78Page - National Semiconductor (TI) PC87338 Datasheet HTML 79Page - National Semiconductor (TI) PC87338 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 221 page
background image
76
www.national.com
0 - WP is active, i.e., the FDD in the selected
drive is write protected.
1 - WP is not active, i.e., the FDD in the selected
drive is not write protected.
Bit 2 - Beginning of Track (INDEX)
This bit indicates the beginning of a track. Its value
reflects the status of the INDEX disk interface in-
put signal.
0 - INDEX is active, i.e., it is the beginning of a
track.
1 - INDEX is not active, i.e., it is not the beginning
of a track.
Bit 3 - Head Select
This bit indicates which side of the Floppy Disk
Drive (FDD) is selected by the head. Its value is
the inverse of the HDSEL disk interface output sig-
nal.
0 - HDSEL is not active, i.e., the head of the FDD
selects side 0. (Default)
1 - HDSEL is active, i.e., the head of the FDD se-
lects side 1.
Bit 4 - At Track 0 (TRK0)
This bit indicates whether or not the head of the
Floppy Disk Drive (FDD) is at track 0. Its value re-
flects the status of the TRK0 disk interface input
signal.
0 - TRK0 is active, i.e., the head of the FDD is at
track 0.
1 - TRK0 is not active, i.e., the head of the FDD is
not at track 0.
Bit 5 - Step
This bit indicates whether or not the head of the
Floppy Disk Drive (FDD) should move during a
seek operation. Its value is the inverse of the
STEP disk interface output signal.
0 - STEP is not active, i.e., the head of the FDD
moves. (Default)
1 - STEP is active (low), i.e., the head of the FDD
does not move.
Bit 6 - Second Drive Installed (DRV2)
This bit indicates whether or not a second Floppy
Disk Drive (FDD) has been installed. Its value re-
flects the status of the TRK0 disk interface input
signal.
0 - DRV2 is active, i.e., a second FDD has been
installed.
1 - DRV2 is not active, i.e., a second FDD has not
been installed.
Bit 7 - IRQ6 Pending
This bit signals the completion of the execution
phase of certain FDC commands. Its value reflects
the status of the IRQ6 pin.
0 - IRQ6 is not active.
1 - IRQ6 is active, i.e., the FDD has completed
execution of certain FDC commands.
3.3.3
Status Register B (SRB),
Offset 001
Status Register B (SRB) is a read-only diagnostic reg-
ister that is valid only in PS/2 mode.
SRB can be read at any time while PS/2 mode is ac-
tive. In PC-AT mode, all bits are in TRI-STATE during
a microprocessor read.
FIGURE 46. SRB Register Bitmap
Bit 0 - Motor 0 Status (MTR0)
This bit indicates whether motor 0 is on or off. It re-
flects the status of the MTR0 disk interface output
signal.
This bit is cleared to 0 by a hardware reset and un-
affected by a software reset.
0 - MTR0 is not active. Motor 0 is off.
1 - MTR0 is active. Motor 0 is on. (Default)
Bit 1 - Motor 1 Status (MTR1)
This bit indicates whether motor 1 is on or off. It re-
flects the status of the MTR1 disk interface output
signal.
This bit is cleared to 0 by a hardware reset and un-
affected by a software reset.
0 - MTR0 is not active. Motor 1 is off.
1 - MTR0 is active. Motor 1 is on. (Default)
Bit 2 - Write Circuitry Status (WGATE)
This bit indicates whether the write circuitry of the
selected Floppy Disk Drive (FDD) is enabled or
not. It reflects the status of the WGATE disk inter-
face output signal.
76
54
321
0
Reset
Required
1
1
1
0
0
0
1
1
1
1
Status Register
B (SRB)
Offset 001
WGATE
WDATA
Drive Select 0 Status
Reserved
Reserved
MTR0
MTR1
RDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com