Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 83Page - National Semiconductor (TI) PC87338 Datasheet HTML 84Page - National Semiconductor (TI) PC87338 Datasheet HTML 85Page - National Semiconductor (TI) PC87338 Datasheet HTML 86Page - National Semiconductor (TI) PC87338 Datasheet HTML 87Page - National Semiconductor (TI) PC87338 Datasheet HTML 88Page - National Semiconductor (TI) PC87338 Datasheet HTML 89Page - National Semiconductor (TI) PC87338 Datasheet HTML 90Page - National Semiconductor (TI) PC87338 Datasheet HTML 91Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 221 page
background image
87
www.national.com
During a write operation, an underrun error terminates
the execution phase after the controller has written
the remaining bytes of the sector with the last correct-
ly written byte to the FIFO. Whether there is an error
or not, an interrupt is generated at the end of the exe-
cution phase, and is cleared by reading the first result
phase byte.
DACK asserted alone, without a RD or WR pulse, is
also counted as a transfer. If pulses of RD or WR are
not being issued for each byte, a DACK pulse must be
issued for each byte so that the Floppy Disk Control-
ler(FDC) can count the number of bytes correctly.
The VERIFY command, allows easy verification of
data written to the disk without actually transferring
the data on the data bus.
Interrupt Transfer Mode - FIFO Disabled
If interrupt transfer (non-DMA) mode is selected,
IRQ6 is asserted instead of DRQ, when each byte is
ready to be transferred.
The Main Status Register (MSR) should be read to
verify that the interrupt is for a data transfer. The RQM
and NON DMA bits (bits 7 and 5, respectively) in the
MSR are set to 1. The interrupt is cleared when the
byte is transferred to or from the Data Register
(FIFO). To transfer the data in or out of the Data reg-
ister, you must use the address bits of the FDC to-
gether and RD or WR must be active, i.e., A2-0 must
be valid. It is not enough to just assert the address bits
of the FDC. RD or WR must also be active for a read
or write transfer to be recognized.
The microprocessor should transfer the byte within
the data transfer service time (see Section 3.3.8 on
page 83). If the byte is not transferred within the time
allotted, an overrun error is indicated in the result
phase when the command terminates at the end of
the current sector.
An interrupt is also generated after the last byte is
transferred. This indicates the beginning of the result
phase. The RQM and DIO bits (bits 7 and 6, respec-
tively) in the MSR are set to 1, and the NON DMA bit
(bit 5) is cleared to 0. This interrupt is cleared by read-
ing the first result byte.
Interrupt Transfer Mode - FIFO Enabled
Interrupt transfer (non-DMA) mode with the FIFO en-
abled is very similar to interrupt transfer mode with the
FIFO disabled. In this case, IRQ6 is asserted instead
of DRQ, under the same FIFO threshold trigger con-
ditions. The MSR should be read to verify that the in-
terrupt is for a data transfer. The RQM and non-DMA
bits (bits 7 and 5, respectively) in the MSR are set. To
transfer the data in or out of the Data register, you
must use the address bits of the FDC together and
RD or WR must be active, i.e., A2-0 must be valid. It
is not enough to just assert the address bits of the
FDC. RD or WR must also be active for a read or write
transfer to be recognized.
Burst mode may be used to hold the IRQ6 pin active
during a burst, or burst mode may be disabled to tog-
gle the IRQ6 pin for each byte of a burst. The Main
Status Register (MSR) is always valid to the micropro-
cessor. For example, during a read command, after
the last byte of data has been read from the disk and
placed in the FIFO, the MSR still indicates that the ex-
ecution phase is active, and that data needs to be
read from the Data Register (FIFO). Only after the last
byte of data has been read by the microprocessor
from the FIFO does the result phase begin.
The overrun and underrun error procedures for non-
DMA mode are the same as for DMA mode. Also,
whether there is an error or not, an interrupt is gener-
ated at the end of the execution phase, and is cleared
by reading the first result phase byte.
Software Polling
If non-DMA mode is selected and interrupts are not
suitable, the microprocessor can poll the MSR during
the execution phase to determine when a byte is
ready to be transferred. The RQM bit (bit 7) in the
MSR reflects the state of the IRQ6 signal. Otherwise,
the data transfer is similar to the interrupt mode de-
scribed above, whether the FIFO is enabled or dis-
abled.
3.4.3
Result Phase
During the result phase, the microprocessor reads a
series of result bytes from the Data Register (FIFO).
These bytes indicate the status of the command.
They may indicate whether the command executed
properly, or may contain some control information.
See the specific commands in “The FDC Command
Set” on page 91 or “Data Register (FIFO), Offset 101”
on page 83 for details.
These result bytes are read in the order specified for
that particular command. Some commands do not
have a result phase. Also, the number of result bytes
varies with each command. All result bytes must be
read from the Data Register (FIFO) before the next
command can be issued.
As it does for command bytes, the Main Status Reg-
ister (MSR) controls the flow of result bytes, and must
be polled by the software before reading each result
byte from the Data Register (FIFO). The RQM bit (bit
7) and DIO bit (bit 6) of the MSR must both be set be-
fore each result byte can be read.
After the last result byte is read, the Command in
Progress bit (bit 4) of the MSR is cleared, and the con-
troller is ready for the next command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com