Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 31Page - National Semiconductor (TI) PC87338 Datasheet HTML 32Page - National Semiconductor (TI) PC87338 Datasheet HTML 33Page - National Semiconductor (TI) PC87338 Datasheet HTML 34Page - National Semiconductor (TI) PC87338 Datasheet HTML 35Page - National Semiconductor (TI) PC87338 Datasheet HTML 36Page - National Semiconductor (TI) PC87338 Datasheet HTML 37Page - National Semiconductor (TI) PC87338 Datasheet HTML 38Page - National Semiconductor (TI) PC87338 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 221 page
background image
35
www.national.com
TABLE 3. IRQ12, A15-11 / SCC2 / Infrared Pin Allocation
TABLE 4. SCC2 Mode Configurations 1
TABLE 5. SCC2 Mode Configurations 2
PQFP Pin
TQFP Pin
Reset Value of CFG0 is 0
Reset Value of CFG0 is 1
62
60
Function: A11
others: RI2 = 1
Function: RI2
Others: A11 = 0
63
61
Function: A12
Function: DTR2/
BOUT2a
Others: A12 = 0
a. DTR2 or BOUT2 is selected on the pin via the SCC2 registers in PC97338 only.
See Section 5.
64
62
Function: A13
Others: CTS2 = 0
Function: CTS2
Others: A13 = 0
66
64
Function: A14
Function: RTS2
Others: A14 = 0
69
67
Function: A15
Others: DCD2 = 1
Function: DCD2
Others: A15 = 0
Pin
Wake Up
Run-Time Selection
a
a.
Run time selection is via the SCC2 registers (see Section 5). If the reset value of CFG0 is 0, run
time selection is disabled after reset. To enable run time selection, configure the SCC2 to any infra-
red mode. Once this is done, run time selection is enabled. If the reset value of CFG0 is 1, run time
selection is enabled immediately after reset.
PQFP
TQFP
Reset Value of
CFG0 is 0
Reset Value of
CFG0 is 1
InfraRed Mode
Selected
UART Mode
Selected
65
63
Function: IRTX
Function:
SOUT2/BOUT2b
b. SOUT2 or BOUT2 is selected on the pin via SCC2 registers in PC87338 only. See Section 5.
Function: IRTX
Function:
SOUT2/BOUT2b
67
65
Function: IRRX1
Function: SIN2
Function: IRRX1
Function: SIN2
Pin
Wake Up
Run-Time Selection
PQFP TQFP
Reset
Value of
CFG0 = 0
Reset
Value of
CFG0 = 1
Reset Value of CFG0 is 0
Reset Value of CFG0 is 1
Bit 3 of
SCF3 = 0
Bit 3 of SCF3 = 1
InfraRed Mode
Selected
UART Mode
Selected
68
66
Function:
IRQ12
Others:
DSR2 =
0
Function:
DSR2
Function:
IRQ12
Others:
DSR2 = 0
Function:
IRRX2/IRSL0/
ID0a
Others:
DSR2 = 0
a. IRRX2 or IRSL0/
ID0 is selected on the pin via the SCC2 registers. ID0 is available only in
PC97338. See Section 5.
Function:
IRRX2/IRSL0/
ID0a
Others:
DSR2 = 0
Function:
DSR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com