Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 87Page - National Semiconductor (TI) PC87338 Datasheet HTML 88Page - National Semiconductor (TI) PC87338 Datasheet HTML 89Page - National Semiconductor (TI) PC87338 Datasheet HTML 90Page - National Semiconductor (TI) PC87338 Datasheet HTML 91Page - National Semiconductor (TI) PC87338 Datasheet HTML 92Page - National Semiconductor (TI) PC87338 Datasheet HTML 93Page - National Semiconductor (TI) PC87338 Datasheet HTML 94Page - National Semiconductor (TI) PC87338 Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 221 page
background image
91
www.national.com
1 - Control mark detected.
Bit 7 - Not Used
This bit is not used and is always 0.
3.5.4
Result Phase Status Register 3
(ST3)
FIGURE 57. ST3 Result Phase Register
Bits 1,0 - Logical Drive Selected
These two binary encoded bits indicate the logical
drive selected at the end of the command phase.
The value of these bits is the same as bits 1,0 of
the SR0 register, described on page 88.
00 - Drive 0 selected.
01 - Drive 1 selected.
10 - If four drives are supported, or drives 2 and 0
are exchanged, drive 2 is selected.
11 - If four drives are supported, drive 3 is select-
ed.
Bit 2 - Head Selected
This bit indicates which side of the Floppy Disk
Drive (FDD) is selected. It reflects the status of the
HDSEL signal at the end of the command phase.
The value of this bit is the same as bit 2 of the SR0
register, described on page 88.
0 - Side 0 is selected.
1 - Side 1 is selected.
Bit 3 - Not Used
This bit is not used and is always 1.
Bit 4 - Track 0
This bit Indicates whether or not the head of the
selected drive is at track 0.
0 - The head of the selected drive is not at track
0, i.e., TRK0 is not active.
1 - The head of the selected drive is at track 0,
i.e., TRK0 is active.
Bit 5 - Not Used
This bit is not used and is always 1.
Bit 6 - Drive Write Protected
This bit indicates whether or not the selected drive
is write protected, i.e., the WP signal is active
(low).
0 - Selected drive is not write protected, i.e., WP
is not active.
1 - Selected drive is write protected, i.e., WP is
active.
Bit 7 - Not Used
This bit is not used and is always 0.
3.6
THE FDC COMMAND SET
The first command byte for each command in the
FDC command set is the opcode byte. The FDC uses
this byte to determine how many command bytes to
expect.
If an invalid command byte is issued to the controller,
it immediately enters the result phase and the status
is 80 (hex), signifying an invalid command.
Table 43 shows the FDC commands in alphabetical
order with the opcode, i.e., the first command byte, for
each.
In this table:
• MT is a multi-track enable bit (See “Bit 7 - Multi-
Track (MT)” on page 106.)
• MFM is a modified frequency modulation param-
eter (See “Bit 6 - Modified Frequency Modulation
(MFM)” on page 96.)
• SK is a skip control bit. (See “Bit 5 - Skip Control
(SK)” on page 105.)
Section 3.6.1 explains some symbols and abbrevia-
tions you will encounter in the descriptions of the com-
mands.
All phases of each command are described in detail,
starting with Section 3.6.2, with bitmaps of each byte
in each phase.
Only named bits and fields are described in detail.
When a bitmap shows a value (0 or 1) for a bit, that bit
must have that value and is not described.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 2 (ST2)
Not Used
Not Used
Not Used
Track 0
Drive Write Protected
Head Selected (Command Phase)
Logical Drive Selected
(Command Phase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com