Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 41Page - National Semiconductor (TI) PC87338 Datasheet HTML 42Page - National Semiconductor (TI) PC87338 Datasheet HTML 43Page - National Semiconductor (TI) PC87338 Datasheet HTML 44Page - National Semiconductor (TI) PC87338 Datasheet HTML 45Page - National Semiconductor (TI) PC87338 Datasheet HTML 46Page - National Semiconductor (TI) PC87338 Datasheet HTML 47Page - National Semiconductor (TI) PC87338 Datasheet HTML 48Page - National Semiconductor (TI) PC87338 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 221 page
background image
45
www.national.com
2.3.2
Function Enable Register (FER),
Index 00h
This register enables and disables major chip func-
tions. Disabled functions have their clocks automati-
cally powered down, but the data in their registers
remains intact. It also selects whether the FDC con-
troller is located at the primary or secondary address.
FIGURE 3. FER Register Bitmap
Bit 0 - Parallel Port Enable
0 - The parallel port is disabled.
1 - The parallel port can be accessed at the ad-
dress specified by: In Legacy mode: the FAR
bits 1,0. In Plug and Play mode: by PBAL and
PBAH registers.
Bit 1- SCC1 Enable
This bit enables or disables SCC1.
Any SCC1 interrupt that is enabled and active, or
becomes active after SCC1 is disabled, asserts
the associated IRQ pin when SCC1 is disabled. If
disabling SCC1 via software, clear ISEN bit (see
sec. 5.14.5 on page 159) to 0 before clearing FER
bit 1. This is not an issue after reset because ISEN
is 0 until it is written.
0 - Access to SCC1 is blocked and it is in power
down mode. The SCC1 registers retain all
data in power down mode.
Select MSEN1, DRATE1, CS0 or SIRQI2
Select DRV2, DR23, PNF or SIRQI3
76
543
21
0
Reset
Required
(SIRQ2)
System IRQ Input 2
Index 4Dh
Configuration Register
Invert SIRQI2
SIRQI2 Status
SIRQI2 Mapping
76
543
21
0
Reset
Required
0
0
0
0
0
0
(SIRQ3)
System IRQ Input 3
Index 4Eh
Configuration Register
Invert SIRQI3
SIRQI3 Status
SIRQI3 Mapping
SCC2 DMA
SCC2 DMA Plug and Play
Reserved
76
543
21
0
Reset
Required
0
0
0
0
0
0
(PNP3)
Plug and Play Configuration
Index 4Fh
Register 3
Plug and Play Support
for Reception
Reserved
Support for Transmission
76
543
21
0
Register 3 (SCF3)
Reset
Required
Index 50h
0
0
0
0
0
0
SuperI/O Configuration
Select DRATE, MSEN1,
Select DRV2, PNF, DR23,
Select IRQI2, IRRX2 or IRSL0
Select MTR1, IDLE or IRSL2
Reserved
CS0, SIRQI2 or DACK3
SIRQI3 or IRSL2
Reserved
Reserved
Reserved
76
543
21
0
Register (CLK)
Reset
Required
Index 51h
0
0
0
0
0
0
Clock Control
Reserved
Reserved
Reserved
Clock Multiplier Enable
Valid Clock Multiplier Status
Reserved
SuperI/O Chip
Clock Source
76
543
21
0
Register (FER)
Reset
Required
Function Enable
Index 00h
0
0
0
0
0
Parallel Port Enable
SCC1 Enable
SCC2 Enable
FDC Enable
FDC Four-Drive Encoding
Select FDC Secondary Address
Reserved
Reserved
x
x
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com