Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 18Page - National Semiconductor (TI) PC87338 Datasheet HTML 19Page - National Semiconductor (TI) PC87338 Datasheet HTML 20Page - National Semiconductor (TI) PC87338 Datasheet HTML 21Page - National Semiconductor (TI) PC87338 Datasheet HTML 22Page - National Semiconductor (TI) PC87338 Datasheet HTML 23Page - National Semiconductor (TI) PC87338 Datasheet HTML 24Page - National Semiconductor (TI) PC87338 Datasheet HTML 25Page - National Semiconductor (TI) PC87338 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 221 page
background image
22
www.national.com
1.2
SIGNAL/PIN DESCRIPTIONS
Table 1 lists the signals of the Chip in alphabetical order. It also shows the pin associated with each signal for
the Plastic Quad Flatpack, (PQFP) and Thin Quad Flatpack (TQFP) options. The I/O column describes whether
the pin is an input, output, or bidirectional pin (marked as I, O or I/O, respectively). This column also specifies
which group in Section 8.2 describes the pin’s DC characteristics.
Refer to the glossary for an explanation of abbreviations and terms used in this table and throughout this docu-
ment. Use the Table of Contents to find more information about each register.
TABLE 1. Signal/Pin Description Table
Symbol
PQFP
Pin
TQFP
Pin
I/O and
Group #
Function
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
30
29
28
27
26
25
24
23
22
21
31
62
63
64
66
69
28
27
26
25
24
23
22
21
20
19
29
60
61
62
64
67
I
Group 1
Address. These address lines from the microprocessor determine
which internal register is accessed. The values of A15-0 have no
effect during DMA transfers.
If CFG0 = 0 during reset, A15-0 are used for address decoding.
If CFG0 = 1 during reset, only A10-0 are used for address
decoding, and A15-11 are ignored (masked to 0).
In Legacy mode, A10 is used only for ECP decoding.
A15-11 are multiplexed with SCC2’s signals.
ACK
85
83
I
Group 3
Acknowledge. This parallel port input signal is pulsed low by an
external printer to indicate it received data from the parallel port.
This pin is internally connected to a nominal 25 K
Ω pull-up resistor.
ACK is multiplexed with DR1. (See Table 72 for more information).
ADRATE0
ADRATE1
98
48
96
46
O
Group 10
Additional Data Rate signals 0 and 1. These FDC output signals
are provided in addition to DRATE1,0 and have a similar function.
They reflect the currently selected FDC data rate, (bits 0 and 1 in
the Configuration Control Register (CCR) or the Data Rate Select
Register (DSR), whichever was written to last).
ADRATE0 is configured when bit 0 of ASC is 1. ADRATE1 is
configured when bit 4 of ASC is 1.
ADRATE0 is multiplexed with IRQ5 and ADRATE1 is multiplexed
with DENSEL.
AEN
20
18
I
Group 1
Address Enable. When set to 1, this pin enables DMA addressing
and disables the microprocessor Address. The address lines
disabled will be A15-0 or A10-0, depending on whether CFG0 was
set to 0 or 1 during reset (respectively).
Access during DMA transfer is NOT affected by this pin.
AFD
78
76
O
Group 11
Automatic Feed XT. When low this parallel port signal indicates to
the external printer that it should automatically line feed after each
Carriage Return byte. This signal enters a TRI-STATE® condition
within 10 nsec after a 0 is loaded into the Control Register bit.
An external 4.7 K
Ω pull-up resistor should be attached to this pin.
AFD is multiplexed with DSTRB and DENSEL. See Table 72 for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com