Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 36Page - National Semiconductor (TI) PC87338 Datasheet HTML 37Page - National Semiconductor (TI) PC87338 Datasheet HTML 38Page - National Semiconductor (TI) PC87338 Datasheet HTML 39Page - National Semiconductor (TI) PC87338 Datasheet HTML 40Page - National Semiconductor (TI) PC87338 Datasheet HTML 41Page - National Semiconductor (TI) PC87338 Datasheet HTML 42Page - National Semiconductor (TI) PC87338 Datasheet HTML 43Page - National Semiconductor (TI) PC87338 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 221 page
background image
40
www.national.com
The Linear Feedback Shift Register
(LFSR)
The LFSR is an 8-bit shift register that resets to the
value of 0x6A. (See Figure 2.) The feedback taps for
this shift register are taken from register bits 1 and 0
of LFSR.
The initiation key should be sent to the Chip upon
power on. The software should ensure that the LFSR
is in its initial state. Then 32 writes are performed. The
first 30 writes must be exactly equal to the 30 values
the LFSR will generate starting from 0x6A. The last
two writes are of 0x00.
The exact sequence for the initiation key in hexadec-
imal notation is (reading left to right, top to bottom):
6A, B5, DA, ED, F6, FB, 7D, BE,
DF, 6F, 37, 1B, 0D, 86, C3, 61,
B0, 58, 2C, 16, 8B, 45, A2, D1,
E8, 74, 3A, 9D, CE, E7, 00, 00
FIGURE 2. LFSR Circuit
Relocating the INDEX and DATA Register
Pair
The INDEX and DATA registers are relocated via con-
figuration registers SBAL and SBAH, as follows:
1. Write to the SBAH register.
A temporary register (TEMP_SBAH) is updated
with the written data (as in all configuration regis-
ters). SBAH register is not updated yet with the
written data, i.e., a read from SBAH register will re-
turn the data prior to the write.
The addresses of the INDEX and DATA registers
are not modified.
2. Write to the SBAL register.
The second consecutive write updates the SBAL
register with the written data and updates the
SBAH register with the data stored in the tempo-
rary register (TEMP_SBAH).
The addresses of the INDEX and DATA registers
are modified according to the data of SBAL and
SBAH.
3. Return to (1) if addresses of the INDEX and DATA
registers need to be changed again.
Upon reset, TEMP_SBAH is initialized to the initializa-
tion value of the SBAH register. When the SBAH reg-
ister is updated by the Plug and Play protocol,
TEMP_SBAH is updated too, with the same value.
This scheme maintains the coherence of the INDEX
and DATA register addresses.
2.3
THE CONFIGURATION REGISTERS
The next section presents the bitmaps of the configu-
ration registers in address order. The sections that fol-
low describe the bits and fields of each register in
detail, in the same order.
“Reset” specifies the value of a bit after reset. “Re-
quired” indicates that the bit must always have that
value.
To maintain compatibility with other SuperI/O chips,
the value of reserved bits may not be altered. Use
read-modify-write to preserve their values.
7
0
6
1
5
1
4
0
3
1
2
0
1
1
0
0
Shift Direction
Write to
I/O Port
Reset
Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com