Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 84Page - National Semiconductor (TI) PC87338 Datasheet HTML 85Page - National Semiconductor (TI) PC87338 Datasheet HTML 86Page - National Semiconductor (TI) PC87338 Datasheet HTML 87Page - National Semiconductor (TI) PC87338 Datasheet HTML 88Page - National Semiconductor (TI) PC87338 Datasheet HTML 89Page - National Semiconductor (TI) PC87338 Datasheet HTML 90Page - National Semiconductor (TI) PC87338 Datasheet HTML 91Page - National Semiconductor (TI) PC87338 Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 221 page
background image
88
www.national.com
For more information, see “The Result Phase Status
Registers” on page 88.
3.4.4
Idle Phase
After a hardware or software reset, after the chip has
recovered from power-down mode or when there are
no commands in progress the controller is in the idle
phase. The controller waits for a command byte to be
written to the Data Register (FIFO). The RQM bit is
set, and the DIO bit is cleared in the MSR.
After receiving the first command (opcode) byte, the
controller enters the command phase. When the com-
mand is completed the controller again enters the idle
phase. The Digital Data Separator (DDS) remains
synchronized to the reference frequency while the
controller is idle. While in the idle phase, the controller
periodically enters the drive polling phase.
3.4.5
Drive Polling Phase
National Semiconductor’s FDC supports the polling
mode of old 8-inch drives, as a means of monitoring
any change in status for each disk drive present in the
system. This support provides backward compatibility
with software that expects it.
In the idle phase, the controller enters a drive polling
phase every 1 msec, based on a 500 Kbps data trans-
fer rate. In the drive polling phase, the controller
checks the status of each of the logical drives (bits 0
through 3 of the MSR). The internal ready line for
each drive is toggled only after a hardware or soft-
ware reset, and an interrupt is generated for drive 0.
At this point, the software must issue four SENSE IN-
TERRUPT commands to clear the status bit for each
drive, unless drive polling is disabled via the POLL bit
in the CONFIGURE command. See “Bit 4 - Disable
Drive Polling (POLL)” on page 94. The CONFIGURE
command must be issued within 500
µsec (worst
case) of the hardware or software reset to disable
drive polling.
Even if drive polling is disabled, drive stepping and
delayed power-down occur in the drive polling phase.
The controller checks the status of each drive and, if
necessary, it issues a pulse on the STEP output sig-
nal with the DIR signal at the appropriate logic level.
The controller also uses the drive polling phase to au-
tomatically trigger power down. When the specified
time that the motor may be off has expired, the con-
troller waits 512 msec, based on data transfer rates of
500 Kbps and 1 Mbps, before powering down, if this
function is enabled via the MODE command.
If a new command is issued while the FDC is in the
drive polling phase, the MSR does not indicate a
ready status for the next parameter byte until the poll-
ing sequence completes the loop. This can cause a
delay between the first and second bytes of up to 500
µsec at 250 Kbps.
3.5
THE RESULT PHASE STATUS
REGISTERS
In the result phase of a command, result bytes that
hold status information are read from the Data Regis-
ter (FIFO). These bytes are the result phase status
registers.
The result phase status registers may only be read
from the Data Register (FIFO) during the result phase
of certain commands, unlike the Main Status Register
(MSR), which is a read only register that is always val-
id.
3.5.1
Result Phase Status Register 0
(ST0)
FIGURE 54. ST0 Result Phase Register Bitmap
Bits 1,0 - Logical Drive Selected
These two binary encoded bits indicate the logical
drive selected at the end of the execution phase.
The value of these bits is reflected in bits 1,0 of the
SR3 register, described on page 91.
00 - Drive 0 selected.
01 - Drive 1 selected.
10 - If four drives are supported, or drives 2 and 0
are exchanged, drive 2 is selected.
11 - If four drives are supported, drive 3 is select-
ed.
Bit 2 - Head Selected
This bit indicates which side of the Floppy Disk
Drive (FDD) is selected. It reflects the status of the
HDSEL signal at the end of the execution phase.
The value of this bit is reflected in bit 2 of the SR3
register, described on page 91.
0 - Side 0 is selected.
1 - Side 1 is selected.
Bit 3 - Not used.
This bit is not used and is always 0.
76
543
21
0
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 0 (ST0)
Head Selected (Execution Phase)
SEEK End
Interrupt Code
Not Used
Equipment Check
Logical Drive Selected
(Execution Phase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com