Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87338 Datasheet(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 100 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 96Page - National Semiconductor (TI) PC87338 Datasheet HTML 97Page - National Semiconductor (TI) PC87338 Datasheet HTML 98Page - National Semiconductor (TI) PC87338 Datasheet HTML 99Page - National Semiconductor (TI) PC87338 Datasheet HTML 100Page - National Semiconductor (TI) PC87338 Datasheet HTML 101Page - National Semiconductor (TI) PC87338 Datasheet HTML 102Page - National Semiconductor (TI) PC87338 Datasheet HTML 103Page - National Semiconductor (TI) PC87338 Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 221 page
background image
100
www.national.com
3.6.5
The INVALID Command
If an invalid command (illegal opcode byte in the com-
mand phase) is received by the Floppy Disk Control-
ler (FDC), the controller responds with the result
phase Status register 0 (ST0) in the result phase. See
“Result Phase Status Register 0 (ST0)” on page 88
The controller does not generate an interrupt during
this condition. Bits 7 and 6 in the MSR (see Section
3.3.6 page 80) are both set to 1, indicating to the mi-
croprocessor that the controller is in the result phase
and the contents of ST0 must be read.
Command Phase
Execution Phase
None.
Result Phase
The system reads 80 (hex) from ST0 indicating that
an invalid command was received.
3.6.6
The LOCK Command
The LOCK command can be used to keep the FIFO
enabled and to retain the values of some parameters
after a software reset.
After the command byte of the LOCK command is
written, its result byte must be read before the opcode
of the next command can be read. The LOCK com-
mand is not executed until its result byte is read by the
microprocessor.
If the part is reset after the command byte of the
LOCK command is written but before its result byte is
read, then the LOCK command is not executed. This
prevents accidental execution of the LOCK com-
mand.
Command Phase
Bit 7 - Control Reset Effect (LOCK)
This bit determines how the FIFO, THRESH, and
PRETRK bits in the CONFIGURE command and,
the FWR, FRD, and BST bits in the MODE com-
mand are affected by a software reset.
0 -Set default values after a software reset. (De-
fault)
1 - Values are unaffected by a software reset.
Execution Phase
Internal register is written.
Result Phase
Bit 4 - Control Reset Effect (LOCK)
Same as bit 7 of opcode in command phase.
7654
3210
Invalid Opcodes
7654
3210
Result Phase Status Register 0 (STO) (80 hex)
7654
3210
LOCK
001
0100
7654
3210
000
LOCK
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com